Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW4102_08 Datasheet HTML 7Page - STMicroelectronics STW4102_08 Datasheet HTML 8Page - STMicroelectronics STW4102_08 Datasheet HTML 9Page - STMicroelectronics STW4102_08 Datasheet HTML 10Page - STMicroelectronics STW4102_08 Datasheet HTML 11Page - STMicroelectronics STW4102_08 Datasheet HTML 12Page - STMicroelectronics STW4102_08 Datasheet HTML 13Page - STMicroelectronics STW4102_08 Datasheet HTML 14Page - STMicroelectronics STW4102_08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
STw4102
Electrical characteristics
11/34
Typical performance curves
Figure 3.
Charger voltage vs. charge current
(Main charge, 4.2V and 1A settings)
Figure 4.
Charger voltage vs. charge current
(USB charge, 4.2V setting)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
200
400
600
800
1000
1200
Icharge (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
500
Iusb (mA)
Ich=400mA
Ich=200mA
Figure 5.
Charge current vs. temperature
(charge from MAIN, 1A setting)
Figure 6.
Charge current vs. temperature
(charge from USBPWR)
Figure 7.
Charge voltage vs. temperature
(4.2V nominal setting)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
255075
100
125
Temp (°C)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temp (°C)
Ich=400mA
Ich=200mA
4.16
4.17
4.18
4.19
4.20
4.21
4.22
4.23
4.24
-50
-25
0
25
50
75
100
125
Temp (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com