Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STW4102_08 Datasheet HTML 23Page - STMicroelectronics STW4102_08 Datasheet HTML 24Page - STMicroelectronics STW4102_08 Datasheet HTML 25Page - STMicroelectronics STW4102_08 Datasheet HTML 26Page - STMicroelectronics STW4102_08 Datasheet HTML 27Page - STMicroelectronics STW4102_08 Datasheet HTML 28Page - STMicroelectronics STW4102_08 Datasheet HTML 29Page - STMicroelectronics STW4102_08 Datasheet HTML 30Page - STMicroelectronics STW4102_08 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
STw4102
I2C interface
27/34
Table 19.
REG_CHG0. address 0 (00h)
Name
Pos.
Type
Power-
up
Description
CHARGERUN
0
R
0
0: Charge is below 10% of fast charge current.
1: Charge is above 10% of fast charge current.
MAINDETECT
1
R
0
Main input voltage detection.
USBDETECT
2
R
0
USB input voltage detection.
VCHG
[4,3]
R/W
00
Charge voltage
00=4.1V, 01=4.2V, 10=4.3V, 11=4.35V.
SEL_DC_USB
5
R/W
0
Wall adapter/USB selection for MAIN input
0: charge current set by Rset resistor
1: charge current set by USB_ICHG bits
USB_ICHG
[7,6]
R/W
00
USB charge current
00=60mA, 01=200mA, 10=400mA, 11=off.
Table 20.
REG_CHG1. address 1 (01h)
Name
Pos.
Type
Power-
up
Description
CHG_ENA
0
R/W
1
0: Charger disabled.
1: Charger enabled.
Reserved
[3,1]
R/W
0
Reserved bits, to be set to zero.
FORCECHARGER
UN
4R/W
0
0: no effect.
1: force EOCHG low independently of charge
state.
SEL_IS
5
R/W
0
0: Internal supply from Main or USB input when
available and charge enabled.
1: Internal supply always from Battery.
Unused
[7,6]
R/W
Table 21.
REG_WDOG. address 2 (02h)
Name
Pos.
Type
Power-
up
Description
WDOG_EN
0
R/W
1
0: Watchdog disabled.
1: Watchdog enabled.
WDOG_TIME
[2,1]
R/W
00
00=1 minute, 01=15 minutes, 10=30 minutes,
11=60 minutes.
WDOG_RST
3
R/W
0
0: No effect.
1: Reset watchdog. Bit clear after watchdog reset.
Reserved
[5,4]
R/W
0
Reserved bits, to be set to zero
WDOG_INT
6
R
x
1: Watchdog is elapsed.
Unused
7
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com