Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STW4102_08 Datasheet HTML 12Page - STMicroelectronics STW4102_08 Datasheet HTML 13Page - STMicroelectronics STW4102_08 Datasheet HTML 14Page - STMicroelectronics STW4102_08 Datasheet HTML 15Page - STMicroelectronics STW4102_08 Datasheet HTML 16Page - STMicroelectronics STW4102_08 Datasheet HTML 17Page - STMicroelectronics STW4102_08 Datasheet HTML 18Page - STMicroelectronics STW4102_08 Datasheet HTML 19Page - STMicroelectronics STW4102_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Application schematics
STw4102
16/34
5.3
Using LDO regulator to supply telephone from wall adapter
The regulator with external power PMOS (M1) supplies the telephone while the battery is
discharged or unplugged. When the charger is unplugged, the phone is supplied by the
battery through Power MOS M2. A Schottky diode (D1) avoids reverse current.
Figure 18.
Charge power path and regulator
Table 10.
Component list for LDO regulator
Name
Typ. value
Tolerance
Comments
M1 + D1
STS2DPFS20V
PMOS transistor with Schottky diode
M2
STT5PF20V
PMOS transistor
Co
10µF to 22µF
An output capacitor Co of at least 10µF is required.
C4
Co
An input capacitor C4 equal to or larger than Co is
required on MAIN input.
To phone
M2
M1
D1
Indicator LED
Battery voltage
32kHz
Rset
Rcg
C1
StandBy
C2
Reset
IO voltage
STw4102
VOUT
SENSE
BATT
BATTSENSE
ISET
CVIS
C32KHZ
STDBY
ICG+
ICG-
GND
RESETN
SDA
SCL
VIO
LDOFB
LDODRV
CVREF
EOCHG
PWRDETECTN
MAIN
USBPWR
DRIVER
C3
Co >= 15uF
to power
management
C4
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com