Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STW4102_08 Datasheet HTML 14Page - STMicroelectronics STW4102_08 Datasheet HTML 15Page - STMicroelectronics STW4102_08 Datasheet HTML 16Page - STMicroelectronics STW4102_08 Datasheet HTML 17Page - STMicroelectronics STW4102_08 Datasheet HTML 18Page - STMicroelectronics STW4102_08 Datasheet HTML 19Page - STMicroelectronics STW4102_08 Datasheet HTML 20Page - STMicroelectronics STW4102_08 Datasheet HTML 21Page - STMicroelectronics STW4102_08 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Battery charger
STw4102
18/34
6.2
Trickle charge
The trickle charge mode is enabled when the battery voltage Vbatt is lower than the trickle
voltage threshold Vtrickle. An internal current source charges the battery. When Vbatt is
above Vtrickle, the trickle current generator is off and the battery is charged using the
constant current method.
The trickle voltage threshold and trickle current are defined by OTP configuration bits and
are factory set to 2.9 V and 60 mA by default. Other values are possible, see Section 9:
Factory OTP options on page 24.
6.3
Charging from a wall adapter
The MAIN input is used for charging from a wall adapter or a dedicated USB charger. The
SEL_DC_USB bit (bit 5 of register REG_CHG0) must be set to 0. The fast charge current is
defined by the external resistor Rset connected to the ISET pin, and can be set up to 1 A.
The value of the fast charge current is given by the following formula:
Icharge = 12000 / Rset
In the constant voltage mode, the charger output voltage is regulated with 1% accuracy. The
charger output voltage is programmable using the REG_CHG0 register, bits 3 and 4 (see
Table 11).
Figure 20.
Main charge mode
Table 11.
Charger output voltage
REG_CHG0[4]
REG_CHG0[3]
Vcharge
0
0
4.10V +/-1%
0
1
4.20V +/-1%
1
0
4.30V +/-1%
1
1
4.35V +/-1%
Vcharge
Vtrickle (2.9v)
Trickle
Constant current
Constant voltage
charge
Itrickle (60mA)
(defined by Rset)
Icharge
Flag end of
charge (10% Icharge)
Ibatt
Vbatt
Battery Voltage
Charge current
Fast charge
Maintenance
charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com