Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW4102_08 Datasheet HTML 26Page - STMicroelectronics STW4102_08 Datasheet HTML 27Page - STMicroelectronics STW4102_08 Datasheet HTML 28Page - STMicroelectronics STW4102_08 Datasheet HTML 29Page - STMicroelectronics STW4102_08 Datasheet HTML 30Page - STMicroelectronics STW4102_08 Datasheet HTML 31Page - STMicroelectronics STW4102_08 Datasheet HTML 32Page - STMicroelectronics STW4102_08 Datasheet HTML 33Page - STMicroelectronics STW4102_08 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
I2C interface
STw4102
30/34
Table 33.
REG_ADCTRL. address 20 (14h)
Name
Pos.
Type
Power-
up
Description
ADPOWERON
0
R/W
0
0: Allows ADC shutdown.
1: Enables ADC operation.
ONSTATE
1
R
0
0: ADC is not ready for operation.
1: ADC is ready for operation.
ADSTART
2
R/W
0
0: No effect.
1: Allows to start a conversion. Cleared upon
writing.
ADRUN
3
R
0
0: An AD conversion is not running.
1: An AD conversion is running.
ADRESOLUTION
4
R/W
0
0: 7 bits.
1: 12 bits.
ADCAL
5
R/W
0
0: No effect.
1: Allows to calibrate AD converter.
Not used
[7,6]
R
0
Table 34.
REG_ADDATA_LOW. address 21 (15h)
Name
Pos.
Type
Power-
up
Description
DATA[7..0]
DATA[6..0]
[7..0]
[6..0]
R00
AD converter data in 12 bit mode.
AD converter data in 7 bit mode (bit7=0).
Table 35.
REG_ADDATA_HIGH. address 22 (16h)
Name
Pos.
Type
Power-
up
Description
DATA[11..8]
[3..0]
R
0
AD converter data in 12-bit mode (0 in 7-bit
mode).
Not used
[7..4]
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com