Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW4102_08 Datasheet HTML 15Page - STMicroelectronics STW4102_08 Datasheet HTML 16Page - STMicroelectronics STW4102_08 Datasheet HTML 17Page - STMicroelectronics STW4102_08 Datasheet HTML 18Page - STMicroelectronics STW4102_08 Datasheet HTML 19Page - STMicroelectronics STW4102_08 Datasheet HTML 20Page - STMicroelectronics STW4102_08 Datasheet HTML 21Page - STMicroelectronics STW4102_08 Datasheet HTML 22Page - STMicroelectronics STW4102_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
STw4102
Battery charger
19/34
6.4
Charging from a USB port
The MAIN or USBPWR input can be used to charge from a USB 2.0 port. When using the
MAIN input, bit SEL_DC_USB (bit 5 of register REG_CHG0) must be set to 1. Charging
from a USB port is similar to charging from a wall adapter, except the fast charge current
IUSB is set internally and depends on bits 6 and 7 of the control register REG_CHG0.
6.5
Charging using external power devices
To support charge currents higher than 1 A from the main supply adapter, the STw4102
provides the option to use an external power device and sense resistor. This OTP option is
factory set.
The STw4102 driver is able to drive an external PNP (STT818B or equivalent) or a PMOS
plus Schottky diode (STS2DPFS20V or equivalent). The driver maximum sink current is
60 mA.
The external current sensing device is usually a 200 m
Ω shunt resistor. With this resistor
value, the trickle and USB charge currents are close to the nominal values.
6.6
Charge mode summary
Table 13 summarizes the different charge modes.
Table 12.
USB charge current
REG_CHG0[7]
REG_CHG0[6]
IUSB (typ)
0
0
60mA (100 mA max)
0
1
200mA
1
0
400mA (500 mA max)
11
off
Table 13.
Charge modes
Vbatt
MAIN
detected
USBPWR
detected
CHG_ENA
bit
SEL_DC_USB
bit
Charge
-
x
x
0
x
Charge disabled
0
0
1
x
No charge
under
Vtrickle
1x
1x
Trickle charge from MAIN
0
1
Trickle charge from USBPWR
above
Vtrickle
1x
10
Fast charge from MAIN input,
current set by Rset
11
Fast charge from MAIN input,
current set by USB_ICHG bits
0
1
1
x
Fast charge from USBPWR input,
current set by USB_ICHG bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com