Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW4102_08 Datasheet HTML 16Page - STMicroelectronics STW4102_08 Datasheet HTML 17Page - STMicroelectronics STW4102_08 Datasheet HTML 18Page - STMicroelectronics STW4102_08 Datasheet HTML 19Page - STMicroelectronics STW4102_08 Datasheet HTML 20Page - STMicroelectronics STW4102_08 Datasheet HTML 21Page - STMicroelectronics STW4102_08 Datasheet HTML 22Page - STMicroelectronics STW4102_08 Datasheet HTML 23Page - STMicroelectronics STW4102_08 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Battery charger
STw4102
20/34
6.7
Watchdog timer
When the fast charge is active, a watchdog timer starts to prevent damage on the battery.
The system controller refreshes the watchdog periodically in order let the charge continue.
When the watchdog time elapses, the charge is stopped.
When the charge starts in trickle mode, to allow the battery to be charged although the
system controller is not running, the watchdog is disabled. However, if for any reason the
charger goes from fast charge mode to trickle mode, then the watchdog is not disabled to
protect against battery failure.
Watchdog timing can be 1 minute, 15 minutes, 30 minutes or 60 minutes. It is programmable
through the I2C interface. The watchdog can be reset by the I2C interface (bit WDOG_RST)
or by unplugging the charger (PWRDETECTN goes to low). The watchdog can also be
enabled and disabled through the I2C interface.
In the standard configuration, the default state at powerup is watchdog enabled and the
timing is one minute.
6.8
Thermal regulation
A thermal regulation circuit limits the charge current in case of high power dissipation due to
high input voltage or high ambient temperature. The charge current is progressively reduced
to maintain the die temperature in a safe area. This allows to charge the battery with the
highest possible current depending on the operating conditions, and protects the device
against any damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com