Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 52Page - STMicroelectronics STV8247D Datasheet HTML 53Page - STMicroelectronics STV8247D Datasheet HTML 54Page - STMicroelectronics STV8247D Datasheet HTML 55Page - STMicroelectronics STV8247D Datasheet HTML 56Page - STMicroelectronics STV8247D Datasheet HTML 57Page - STMicroelectronics STV8247D Datasheet HTML 58Page - STMicroelectronics STV8247D Datasheet HTML 59Page - STMicroelectronics STV8247D Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 156 page
background image
Register List
STV82x7
56/156
12.1
I²C Register Map
By default, all I²C registers controlled by Automatic Standard Recognition System (Autostandard)
are forced to Read-only mode for the user. These registers and bits are shaded in Table 9.
Table 9: List of I²C Registers (Sheet 1 of 6)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IC General Control
CUT_ID
00h
(0000 0001)
0
0
CUT_NUMBER[5:0]
RESET
01h
0000 0000
BUS_EXP
I²S_OUTPUT
0
EN_STBY
0
SOFT_
LRST2
SOFT_
LRST1
SOFT_RST
I2S_CTRL
04h
0000 0000
SYNC_OFF
SYNC_SIGN
0
LOCK_TH[1:0]
LOCK_MODE
SYNC_CST[1:0]
I2S_STAT
05h
(0000 0000)
0
0
0
0
0
0
LR_OFF
LOCK_
FLAG
I2S_SYNC_OFFSET
06h
0000 0000
I2S_SFO[7:0]
Clocking 1
SYS_CONFIG
07h
0000 0000
I2S_CH_NB[1:0]
INPUT_FREQ[3:0]
INPUT_CONFIG[1:0]
FS1_DIV
08h
0001 0010
EN_PROG
0
NDIV1[1:0]
0
SDIV1[2:0]
FS1_MD
09h
0001 0001
0
0
0
MD1[4:0]
FS1_PE_H
0Ah
0011 0110
PE_H1[7:0]
FS1_PE_L
0Bh
0000 0000
PE_L1[7:0]
Demodulator
DEMOD_CTRL
0Ch
0000 0110
0
0
FAR_MODE GAP_MODE
AM_SEL
DEMOD_MODE[2:0]
DEMOD_STAT
0Dh
(0000 0000)
0
0
0
QPSK_LK
FM2_CAR
FM2_SQ
FM1_CAR
FM1_SQ
AGC_CTRL
0Eh
0001 0001
AGC_ CMD
0
0
AGC_REF[2:0]
AGC_CST[1:0]
AGC_GAIN
0Fh
(0000 0000)
0
AGC_ERR[4:0]
SIG_OVER
SIG_
UNDER
DC_ERR_IF
10h
(0000 0000)
DC_ERR[7:0]
Demodulator Channel 1
CARFQ1H
12h
0011 1110
CARFQ1[23:16]
CARFQ1M
13h
1000 0000
CARFQ1[15:8]
CARFQ1L
14h
0000 0000
CARFQ1[7:0]
FIR1C0
15h
0000 0000
FIR1C0[7:0] (S)
FIR1C1
16h
1111 1110
FIR1C1[7:0] (S)
FIR1C2
17h
1111 1100
FIR1C2[7:0] (S)
FIR1C3
18h
1111 1101
FIR1C3[7:0] (S)
FIR1C4
19h
0000 0010
FIR1C4[7:0] (S)
FIR1C5
1Ah
0000 1101
FIR1C5[7:0] (S)
FIR1C6
1Bh
0001 1000
FIR1C6[7:0]6 (S)
FIR1C7
1Ch
0001 1111
FIR1C7[7:0] (S)
ACOEFF1
1Dh
0010 0011
ACOEFF1[7:0]
BCOEFF1
1Eh
0001 0010
BCOEFF1[7:0]
CRF1
1Fh
(0000 0000)
CRF1[7:0] (S)
CETH1
20h
0010 0000
CETH1[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com