Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 38Page - STMicroelectronics STV8247D Datasheet HTML 39Page - STMicroelectronics STV8247D Datasheet HTML 40Page - STMicroelectronics STV8247D Datasheet HTML 41Page - STMicroelectronics STV8247D Datasheet HTML 42Page - STMicroelectronics STV8247D Datasheet HTML 43Page - STMicroelectronics STV8247D Datasheet HTML 44Page - STMicroelectronics STV8247D Datasheet HTML 45Page - STMicroelectronics STV8247D Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 156 page
background image
I²S Interface (In / Out)
STV82x7
42/156
6
I²S Interface (In / Out)
The STV82x7 offers three input/output choices: one I²S input, three I²S inputs or one I²S output.
6.1
I²S Inputs
The STV82x7 can interface with a digital sound decoder. In this case, the digital data can be input
at a speed of 0.384 Mbytes/s (3.072 MHz for a 48 kHz sampling frequency with 32 bits of data).In
compliance with Dolby
® specifications, only the sampling frequency is subject to restrictions. All
other requirements are extracted from other various specifications.
The PCMCLK (possible clock for upsampling) is provided by the master which is the digital sound
decoder. A sample rate conversion (SRC) will be necessary in the second case (STV82x7 slave) in
order to have a fixed frequency output from this block (either 32 kHz, 44.1 kHz or 48 kHz).
Note:
The SRC function is only available in single I²S input mode.
The I²S interface is used in two ways depending on the package:
1. The interface with one I²S (I²S_DATA0) connection (only stereo or stereo-coded Dolby
® Pro
Logic
®);
2. One interface with three I²S connections connected to the DSP to allow the processing of a
multi-channel signal (maximum of 6 channels).
Table 5: I²S Characteristics
Sampling Frequency (kHz)
8, 11.025, 12,16, 22.05, 24, 32, 44.1 and 48
Data Size
16, 18*, 20*, 24*, 32
PCMCLK
512 x fS
1 2
1. means that the number is the number of effective bits but the transmission is with 32 bits.
2. 512 x fs is used by the DACs if 512 x fs is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com