Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 23Page - STMicroelectronics STV8247D Datasheet HTML 24Page - STMicroelectronics STV8247D Datasheet HTML 25Page - STMicroelectronics STV8247D Datasheet HTML 26Page - STMicroelectronics STV8247D Datasheet HTML 27Page - STMicroelectronics STV8247D Datasheet HTML 28Page - STMicroelectronics STV8247D Datasheet HTML 29Page - STMicroelectronics STV8247D Datasheet HTML 30Page - STMicroelectronics STV8247D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 156 page
background image
27/156
STV82x7
Dedicated Digital Signal Processor (DSP)
● Balance
● Beeper
● Pink Noise Generator (used to position the loudspeakers)
● Programmable Delay for each loudspeaker
● Adjustable Delay for “lip sync” to compensate audio/video latency up to 60 ms in SCART Only
Mode (processing at 48 KHz) and up to 90 ms in Demodulator and SCART Mode (processing
at 32 KHz)
The following software is provided for the headphone or auxiliary output:
● Downmix
● SRS
® TruBass™
● Smart Volume Control (SVC)
● Bass/Treble
● Loudness
● Independent Volume for each channel (Smooth Volume Control)
● Soft Mute
● Balance
● Beeper
● Adjustable Delay for “lip sync” up to 120 ms (to compensate audio/video latency) in SCART
Only Mode and up to 180 ms in Demodulator and SCART Mode
The following software is provided for SCART or S/PDIF outputs:
● Downmix
● Soft Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com