Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 21Page - STMicroelectronics STV8247D Datasheet HTML 22Page - STMicroelectronics STV8247D Datasheet HTML 23Page - STMicroelectronics STV8247D Datasheet HTML 24Page - STMicroelectronics STV8247D Datasheet HTML 25Page - STMicroelectronics STV8247D Datasheet HTML 26Page - STMicroelectronics STV8247D Datasheet HTML 27Page - STMicroelectronics STV8247D Datasheet HTML 28Page - STMicroelectronics STV8247D Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 156 page
background image
25/156
STV82x7
Dedicated Digital Signal Processor (DSP)
4
Dedicated Digital Signal Processor (DSP)
A dedicated Digital Signal Processor (DSP) takes charge of all audio processing features and the
low frequency signal processing features of the demodulator. The internal 24-bit architecture will
ensure a high quality signal treatment and an excellent dynamic.
4.1
Back-end Processing
The “back-end” processing corresponds to the low frequency signal processing (32 kHz or higher
frequencies) of the demodulator and other inputs (I²S, ADC).
Figure 11 shows a flowchart of the back-end processing tasks. However, the figure shows that the
processing is only a SINGLE SOURCE PROCESSING flow (no processing is possible with
“Demod + SCART” and I²S inputs simultaneously) and that the selection of a headphone output
restricts the loudspeakers configuration to 2+1 instead of 5+1.
Figure 11: Back-end Audio Processing
DC
FM Channel1
FM Channel2
NICAM L
De-emphasis
Prescale
Dematrix
Autostandard
FM
FM
FM
Removal
Prescale
I²S
I2S in 1
I2S in 2
I2S in 3
DC
Prescale
NICAM
Removal
DC
Prescale
SCART
Removal
NICAM R
Dematrix
NICAM
SCART L
SCART R
SRC X2/X4
“I2S” Input Mode
“Demod + SCART” or “SCART only” Input Modes
LS
2
HP
2
SCART
2
LS
2 to 6
HP
2
SCART
2
(L and R)
(L and R)
(L and R)
(L,R,C,LFE,Ls,Rs)
(L and R)
(L and R)
De-emphasis
NICAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com