Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 49 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 45Page - STMicroelectronics STV8247D Datasheet HTML 46Page - STMicroelectronics STV8247D Datasheet HTML 47Page - STMicroelectronics STV8247D Datasheet HTML 48Page - STMicroelectronics STV8247D Datasheet HTML 49Page - STMicroelectronics STV8247D Datasheet HTML 50Page - STMicroelectronics STV8247D Datasheet HTML 51Page - STMicroelectronics STV8247D Datasheet HTML 52Page - STMicroelectronics STV8247D Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
49/156
STV82x7
STV82x7 Reset
10
STV82x7 Reset
All STV82x7 features are controlled via the I²C bus.
The STV82x7 can be "reset" in 2 ways:
1. By Software via the I²C bus: This clears all synchronous logic, except for the I²C bus registers.
2. By Hardware via the RESET pin: In addition to clearing all synchronous logic, the RESET input
(active on the low level) resets all the I²C bus registers to the
default values listed below.
Table 7: RESET Default Values
Function
Default mode
Demodulation
Auto-standard
ON
Scanned Standards
M/N, B/G, I, L/L’
FM Deviation
± 125 kHz (Max.)
Audio Outputs
Automatic Mute Mode
ON
Loudspeaker Source
Demodulated Sound
Loudspeaker Volume
-40 dB, differential mode, muted
Loudspeaker L/R Balance
L/R = 100%
Subwoofer
-40 dB / OFF
Headphone Source
Demodulated Sound
Headphone Automatic Detection
ON
Headphone Volume
-40 dB, differential mode, muted
Headphone L/R Balance
L/R = 100%
SCART-1 out
Demodulated Sound
SCART-2 out
SCART1 Source
SCART Volume
-5.5 dB, independent mode, muted
I²S out
OFF
Audio Processing
Loudspeaker/Headphone SVC
OFF, 0 dB Reference Value
Loudspeaker Surround
OFF
Loudspeaker 5-Band Equalizer
OFF, 0 dB (Flat Band)
Loudspeaker Loudness
OFF
Headphone Bass/Treble
OFF, 0 dB (Flat Band)
Loudspeaker/Headphone Beeper
-40 dB / OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com