Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 92 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 88Page - STMicroelectronics STV8247D Datasheet HTML 89Page - STMicroelectronics STV8247D Datasheet HTML 90Page - STMicroelectronics STV8247D Datasheet HTML 91Page - STMicroelectronics STV8247D Datasheet HTML 92Page - STMicroelectronics STV8247D Datasheet HTML 93Page - STMicroelectronics STV8247D Datasheet HTML 94Page - STMicroelectronics STV8247D Datasheet HTML 95Page - STMicroelectronics STV8247D Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 156 page
background image
Register List
STV82x7
92/156
Note:
X means don’t care.
12.13 Audio Preprocessing and Selection Registers
DC_REMOVAL_INPUT
DC Removal Register
Table 20: TV Sound Standards
System
Mono Sound
(MHz)
MONO_SID
[1:0]
LDK_SW
DK_DEV
[1:0]
Stereo Sound
(MHz)
STEREO_SID
[1:0]
M/N
4.5 (FM 27k)
00
X
XX
4.724 (Zweiton A2+)
00
B/G
5.5 (FM 50k)
01
X
XX
5.85 (NICAM 40%)
00
X
XX
5.742 (Zweiton A2)
01
I
6.0 (FM 50k)
10
X
XX
6.552 (NICAM 100%)
00
L6.5 (AM)
11
1
XX
5.85 (NICAM 40%)
00
D/K
6.5 (FM 50k)
0
00
5.85 (NICAM 40%)
00
6.5 (FM 200k)
01
6.5 (FM 350k)
10
6.5 (FM 500k)
11
D/K1/K2/
K3
6.5 (FM 50k)
0
XX
5.85 (NICAM 40%)
00
0
XX
6.258 (Zweiton A2*)
01
0
XX
6.742 (Zweiton A2*)
10
0
XX
5.742 (Zweiton A2*)
11
Address: 90h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
DC_SCART
DC_NICAM
DC_DEMOD
Bit Name
Reset
Function
Bits[7:3]
00000
Reserved.
DC_SCART
1
0: SCART input, DC removal inactive
1: SCART input, DC removal active
DC_NICAM
1
0: NICAM input, DC removal inactive
1: NICAM input, DC removal active
DC_DEMOD
1
0: FM input, DC removal inactive
1: FM input, DC removal active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com