Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 74 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 70Page - STMicroelectronics STV8247D Datasheet HTML 71Page - STMicroelectronics STV8247D Datasheet HTML 72Page - STMicroelectronics STV8247D Datasheet HTML 73Page - STMicroelectronics STV8247D Datasheet HTML 74Page - STMicroelectronics STV8247D Datasheet HTML 75Page - STMicroelectronics STV8247D Datasheet HTML 76Page - STMicroelectronics STV8247D Datasheet HTML 77Page - STMicroelectronics STV8247D Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 156 page
background image
Register List
STV82x7
74/156
IAGCC
Channel 2 Internal AGC Time Constant for QPSK
IAGCS
Channel 2 Internal AGC Status for QPSK
Address: 26h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IAGC_OFF
FAR_FLT_EN
MONO_FLT_EN
BG_SEL
MONO_PROG
IAGC_CST[2:0]
Bit Name
Reset
Function
IAGC_OFF
0
AGC Disable
0: Internal AGC is active
1: Internal AGC is disabled
FAR_FLT_EN
0
1: Enable Farrow filter for NICAM
MONO_FLT_EN
0
1: Enable Mono filter for NICAM
BG_SEL
0
1: BG NICAM Mono filter selected
MONO_PROG
0
1: Enable programmation of Mono filter
IAGC_CST[2:0]
011
Internal AGC Programmable Step Constant.
These bits control the time per step (values given for QPSK mode). The default value defines the
optimum trade-off between fast settling time (for the fastest NICAM identification) and the noise
immunity (minimum BER degradation)
Step time (us) Time Response (ms)
000
703
128
001
352
64
010
176
32
011
88
16
100
44
8
101
22
4
110
11
2
111
5.5
0.82
Address: 27h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IAGC_CTRL[7:0]
Bit Name
Reset
Function
IAGC_CTRL[7:0]
00000000
Indicates the value of the internal AGC gain control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com