Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 65Page - STMicroelectronics STW5095_07 Datasheet HTML 66Page - STMicroelectronics STW5095_07 Datasheet HTML 67Page - STMicroelectronics STW5095_07 Datasheet HTML 68Page - STMicroelectronics STW5095_07 Datasheet HTML 69Page - STMicroelectronics STW5095_07 Datasheet HTML 70Page - STMicroelectronics STW5095_07 Datasheet HTML 71Page - STMicroelectronics STW5095_07 Datasheet HTML 72Page - STMicroelectronics STW5095_07 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
Package outline
STw5095
70/72
19
Package outline
Figure 33.
Package mechanical data
Note:
1
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink
or metallized markings, or other feature of package body or integral heatslug. A
distinguishing feature is allowable on the bottom surface of the package to identify the
terminal A1 corner. Exact shape of each corner is optional.
Table 29.
Package dimensions (mm)
Ref.
Min.
Typ.
Max.
Outline and mechanical data
A (1)
1.
The total profile height is measured from the seating plane to the top of the component.
1.010
1.200 (2)
2.
Max mounted height is 1.12mm.Based on a 0.28mm ball pad diameter. Solder paste is 0.15mm thickness and 0.28mm
diameter.
A1
0.150
A2
0.820
b
0.250
0.300
0.350
D
4.850
5.000
5.150
D1
3.500
E
4.850
5.000
5.150
E1
3.500
e
0.450
0.500
0.550
f
0.600
0.750
0.900
TFBGA 5x5x1.20 64 F8x8 0.50
Thin Profile Fine Pitch Ball Grid Array
ddd
0.080
ddd
C
C
A1
A
A2
ef
D1
D
H
G
F
E
D
C
B
A
12345678
A1 CORNER INDEX AREA
Øb (64 BALLS)
PLANE
SEATING
BOTTOM VIEW
See
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com