Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 35Page - STMicroelectronics STW5095_07 Datasheet HTML 36Page - STMicroelectronics STW5095_07 Datasheet HTML 37Page - STMicroelectronics STW5095_07 Datasheet HTML 38Page - STMicroelectronics STW5095_07 Datasheet HTML 39Page - STMicroelectronics STW5095_07 Datasheet HTML 40Page - STMicroelectronics STW5095_07 Datasheet HTML 41Page - STMicroelectronics STW5095_07 Datasheet HTML 42Page - STMicroelectronics STW5095_07 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
Control registers
STw5095
38/72
5.8
Digital filters, software reset and master clock control
5.9
Interrupt control and control interface SPI out mode
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR29 (1Dh)
Digital Filters Control
X
DAVOICE
DA96K
RXNH
ADVOICE
AD96K
ADNH
TXNH
0000 0000
CR30 (1Eh)
Soft Reset & AMCK Range
SWRES
X
X
X
AMCKSIN
CKRANGE(2:0)
0000 0000
Bits
Name
Value
CR29 Description
Def.
6DAVOICE
1
0
DA path Voice RX filter is enabled (single channel, left used)
DA path Audio filters are enabled
0
5DA96K
1
0
DA path data rate is in the range 88 kHz to 96 kHz
DA path data rate is in the range 8 kHz to 48 kHz
0
4RXNH
1
0
DA path High pass Voice RX filter is disabled
DA path High pass Voice RX filter is enabled (300Hz @ 8kHz rate)
0
3ADVOICE
1
0
AD path Voice TX filter is enabled (single channel, left used)
AD path Audio filters are enabled
0
2AD96K
1
0
AD path data rate is in the range 88 kHz to 96 kHz
AD path data rate is in the range 8 kHz to 48 kHz
0
1
ADNH
1
0
AD path Audio DC filter is disabled
AD path Audio DC filter is enabled
0
0TXNH
1
0
AD path High pass Voice TX filter is disabled
AD path High pass Voice TX filter is enabled (300Hz @ 8kHz rate)
0
Bits
Name
Value
CR30 Description
Def.
7SWRES
1
0
Software reset: All registers content is reset to the default value
Control Register content is left unchanged
0
3
AMCKSIN
1
0
Signal at AMCK pin is a sinusoid
Signal at AMCK pin is a square wave
0
2-0
CKRANGE(2:0)
000
001
010
011
100
101
000
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR31 (1Fh)
interrupt Mask
VLSHEN
PUSHBEN
HSDETEN
VLSHMSK
PUSHBMSK
HSDETMSK
OVFMSK
PORMSK
0000 0000
AMCK range
MCKCOEFF
4.0
MHz to6.0MHz
8.0
6.0
MHz to8.0MHz
6.0
8.0
MHz to12.0MHz
4.0
12.0 MHz to16.0MHz
3.0
16.0 MHz to24.0MHz
2.0
24.0 MHz to32.0MHz
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com