Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 38Page - STMicroelectronics STW5095_07 Datasheet HTML 39Page - STMicroelectronics STW5095_07 Datasheet HTML 40Page - STMicroelectronics STW5095_07 Datasheet HTML 41Page - STMicroelectronics STW5095_07 Datasheet HTML 42Page - STMicroelectronics STW5095_07 Datasheet HTML 43Page - STMicroelectronics STW5095_07 Datasheet HTML 44Page - STMicroelectronics STW5095_07 Datasheet HTML 45Page - STMicroelectronics STW5095_07 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
STw5095
Control registers
41/72
5.10
AGC
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR34 (22h)
AGC Attack/Decay coeff.
AGCATT(3:0)
AGCDEC(3:0)
0000 0000
CR35 (23h)
AGC Control
X
ENAGCLIN
ENAGCMIC
AGCRANGE
AGCLEV(3:0)
0000 0000
Bits
Name
Value
CR34 Description
Def.
7-4
AGCATT(3:0)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
AGC Attack Time Constant; FS=AD data rate
0000
Audio filter in AD path
4096/ FS
2048/ FS
1365/ FS
1024/ FS
683/ FS
512/ FS
341/ FS
256/ FS
171/ FS
128/ FS
85/ FS
64/ FS
43/ FS
32/ FS
Voice filter in AD path
8192/ FS
4096/ FS
2731/ FS
2048/ FS
1365/ FS
1024/ FS
683/ FS
512/ FS
341/ FS
256/ FS
171/ FS
128/ FS
85/ FS
64/ FS
3-0
AGCDEC(3:0)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
AGC Decay Time Constant; FS=AD data rate
0000
Audio filter in AD path
65536/ FS
32768/ FS
21845/ FS
16384/ FS
10923/ FS
8192/ FS
5461/ FS
4096/ FS
2731/ FS
2048/ FS
1365/ FS
1024/ FS
683/ FS
512/ FS
341/ FS
256/ FS
Voice filter in AD path
131072/ FS
65536/ FS
43691/ FS
32768/ FS
21845/ FS
16384/ FS
10923/ FS
8192/ FS
5461/ FS
4096/ FS
2731/ FS
2048/ FS
1365/ FS
1024/ FS
683/ FS
512/ FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com