Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 15Page - STMicroelectronics STW5095_07 Datasheet HTML 16Page - STMicroelectronics STW5095_07 Datasheet HTML 17Page - STMicroelectronics STW5095_07 Datasheet HTML 18Page - STMicroelectronics STW5095_07 Datasheet HTML 19Page - STMicroelectronics STW5095_07 Datasheet HTML 20Page - STMicroelectronics STW5095_07 Datasheet HTML 21Page - STMicroelectronics STW5095_07 Datasheet HTML 22Page - STMicroelectronics STW5095_07 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
Functional description
STw5095
18/72
4.9
Analog output drivers
STw5095 provides 3 different analog signal outputs and 1 common mode reference output:
●
Line Out Drivers: it is a stereo differential output, it can be used as single-ended
output just by using the positive or negative pin. It can drive 1 k
Ω resistive load. The
load can be connected between the positive and negative pins or between one pin and
ground through a decoupling capacitor. The output gain is regulated with LOG bits in
CR7, in the range 0 to -18 dB, simultaneously for left and right channels. When used as
a single ended output the effective gain is 6 dB lower. It is muted with bit MUTELO in
CR19. The input signal of this stereo output can come from the analog mixer or directly
from MIC preamplifiers. The output Common Mode Voltage level is controlled with bits
VCML in CR19. The supply voltage of line out drivers is VCCP.
The Line Out Drivers are powered up with bits ENLOL and ENLOR in CR1. The output
pins are in high impedance state with a 180k
Ω pull-down resistor when the Line Out
Drivers are powered down.
●
Headphones Drivers: it is a stereo single ended output. It can drive 16 Ohm resistive
load and deliver up to 40 mW. The output gain is regulated with HPLG and HPRG bits
in CR8 and CR9 respectively, with a range of -40 to 6 dB. It is muted with bit MUTEHP
in CR19. The input signal of this stereo output comes from the analog mixer.The output
Common Mode Voltage is controlled with bits VCML in CR19. The supply voltage of
headphones drivers is VCCP.
The Headphones Drivers are powered up with bits ENHPL and ENHPR in CR2.The
output pins are in high impedance state when the Headphones Drivers are powered
down.
●
Common Mode Voltage Driver: it is a single ended output with output voltage value
selectable with bits VCML in CR19, from 1.2 V to 1.65 V in steps of 150 mV. The output
voltage should be set to the value closest to VCCP/2 to optimize output drivers
performance. The Common Mode Voltage Driver is designed to be connected to the
common pin of stereo headphones, so that decoupling capacitors are not needed at
HPL and HPR outputs. The supply voltage of the common mode voltage driver is
VCCP.
The Common Mode Voltage Driver is powered up with bit ENHPVCM in CR2.The
output pin is in high impedance state when the Common Mode Voltage Driver is
powered down.
●
Loudspeaker Driver: it is a monophonic differential output. It can drive 8
Ω resistive
load and deliver up to 500 mW to the load. The output gain is regulated with LSG bits in
CR7, in the range -24 to +6 dB. The input signal of the loudspeaker driver comes from
the analog mixers: bits LSSEL in CR29 select left channel, right channel, (L+R)/2
(mono) or mute. The output Common Mode Voltage is obtained with an internal voltage
divider from VCCLS and it is connected to CAPLS pin. The supply voltage of the
loudspeaker driver is VCCLS.
The Loudspeaker Driver is powered up with bit ENLS in CR2.The output pin is in high
impedance state when the Loudspeaker Driver is powered down.
Note:
Note on direct connection of VCCLS To the battery:
The voltage of batteries of handheld devices during charging is usually below 5.5 V, making
VCCLS supply pin suitable for a direct connection to the battery. In this case if STw5095 is
delivering the maximum power to the load and the ambient temperature is above 70 °C then
the simultaneous charging of the battery can overheat the device. A basic protection
scheme is implemented in STw5095 (activated with bit LSLIM in CR19): it limits the
maximum gain of the loudspeaker to -6 dB when VCCLS is above 4.2 V, and it removes the
limit for VCCLS below 4.0 V. The loudspeaker gain is left unchanged if it is set below -6 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com