Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 30Page - STMicroelectronics STW5095_07 Datasheet HTML 31Page - STMicroelectronics STW5095_07 Datasheet HTML 32Page - STMicroelectronics STW5095_07 Datasheet HTML 33Page - STMicroelectronics STW5095_07 Datasheet HTML 34Page - STMicroelectronics STW5095_07 Datasheet HTML 35Page - STMicroelectronics STW5095_07 Datasheet HTML 36Page - STMicroelectronics STW5095_07 Datasheet HTML 37Page - STMicroelectronics STW5095_07 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
STw5095
Control registers
33/72
Bits
Name
Value
CR18 Description
Def.
6IN2VCM
1
0
Unused Analog input pins are biased to Common Mode voltage
Unused Analog input pins are in high impedance state
0
5LINMUTE
1
0
Line In Preamplifiers are muted
Line In Preamplifiers are not muted
1
4-3
LINSEL(1:0)
00
01
10
11
Input Pins connected to Line In Preamplifiers (if LINMUTE=0)
00
2MICMUTE
1
0
Microphone Preamplifiers are muted
Microphone Preamplifiers are not muted
1
1-0
MICSEL(1:0)
00
01
10
11
Input Pins connected to Microphone Preamplifiers (if MICMUTE=0)
00
Bits
Name
Value
CR19 Description
Def.
7-6
VCML(1:0)
00
01
10
11
Common Mode Voltage Level for Line Out and Headphones drivers
1.20 V
1.35 V (default)
1.50 V
1.65 V
01
4MUTELO
1
0
Line Out Drivers are muted
Line Out Drivers are not muted
1
3MUTEHP
1
0
Headphones Drivers (HP) are muted
Headphones Drivers (HP) are not muted
1
2LSLIM
1
0
Loudspeaker Driver (LS) gain is limited when VCCLS is above 4.2V
typ
Loudspeaker Driver (LS) gain is not limited
0
1-0
LSSEL(1:0)
00
LINEIN
(LINEINL, LINEINR)
AUX1
(AUX1L, AUX1R)
AUX2
(AUX2LP-AUX2LN, AUX2RP-AUX2RN)
AUX3
(AUX3L, AUX3R)
MIC
(MICLP-MICLN, MICRP-MICRN)
AUX1
(AUX1L, AUX1R)
AUX2
(AUX2LP-AUX2LN, AUX2RP-AUX2RN)
AUX3
(AUX3L, AUX3R)
00
01
10
11
Mute
Loudspeaker Driver (LS) is muted
Right
Right Channel Mixer only connected to Loudspeaker
driver
Left
Left Channel Mixer only connected to Loudspeaker
driver
Mono
(Left + Right)/2 Channel Mixers connected to
Loudspeaker driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com