Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 8Page - STMicroelectronics STW5095_07 Datasheet HTML 9Page - STMicroelectronics STW5095_07 Datasheet HTML 10Page - STMicroelectronics STW5095_07 Datasheet HTML 11Page - STMicroelectronics STW5095_07 Datasheet HTML 12Page - STMicroelectronics STW5095_07 Datasheet HTML 13Page - STMicroelectronics STW5095_07 Datasheet HTML 14Page - STMicroelectronics STW5095_07 Datasheet HTML 15Page - STMicroelectronics STW5095_07 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
STw5095
Pin description
11/72
Note:
VCC, VCCA, VCCP, VCCLS can be connected together for low cost applications: Operating
range: 2.4 V-2.7 V.
Type definitions
A1
C7
GND
P
Ground pins for the digital section.
D5
VCCIO
P
Power Supply pin for the Digital I/O buffers.
Operating ranges: from 1.2 V to 1.8 V and from 1.71 V to VCC
Table 1.
Pin description
Pin N°
Name
Type
Description
AI
-
Analog input
AO
-
Analog Output
AIO
-
Analog Input Output
DI
-
Digital Input
DO
-
Digital output
DIO
-
Digital Input Output
DIOD
-
Digital Input Output Open Drain
P
-
Power Supply or Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com