Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5095 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 24Page - STMicroelectronics STW5095_07 Datasheet HTML 25Page - STMicroelectronics STW5095_07 Datasheet HTML 26Page - STMicroelectronics STW5095_07 Datasheet HTML 27Page - STMicroelectronics STW5095_07 Datasheet HTML 28Page - STMicroelectronics STW5095_07 Datasheet HTML 29Page - STMicroelectronics STW5095_07 Datasheet HTML 30Page - STMicroelectronics STW5095_07 Datasheet HTML 31Page - STMicroelectronics STW5095_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
STw5095
Control registers
27/72
Bits
Name CR10
Name CR11
Value
CR10 and CR11 Description
Def.
5-0
DACLG(5:0)
DACRG(5:0)
000000
000001
000010
000011
000100
000101
000110
000111
001000
001001
001010
001011
001100
001101
001110
001111
010000
010001
010010
010011
010100
010101
010110
010111
011000
011001
011010
011011
011100
011101
011110
011111
100000
100001
100010
100011
100100
100101
Left (CR10) and Right (CR11) Channels DAC Digital Gain
0.0dB Gain (default)
-1.0dB Gain
-2.0dB Gain
-3.0dB Gain
-4.0dB Gain
-5.0dB Gain
-6.0dB Gain
-7.0dB Gain
-8.0dB Gain
-9.0dB Gain
-10.0dB Gain
-11.0dB Gain
-12.0dB Gain
-13.0dB Gain
-14.0dB Gain
-15.0dB Gain
-16.0dB Gain
-17.0dB Gain
-18.0dB Gain
-20.0dB Gain
-22.0dB Gain
-24.0dB Gain
-26.0dB Gain
-28.0dB Gain
-30.0dB Gain
-32.0dB Gain
-34.0dB Gain
-36.0dB Gain
-38.0dB Gain
-41.0dB Gain
-44.0dB Gain
-47.0dB Gain
-50.0dB Gain
-53.0dB Gain
-56.0dB Gain
-59.0dB Gain
-65.0dB Gain
-
∞dB Gain
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com