Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC01 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPCC01 Datasheet HTML 11Page - STMicroelectronics STPCC01 Datasheet HTML 12Page - STMicroelectronics STPCC01 Datasheet HTML 13Page - STMicroelectronics STPCC01 Datasheet HTML 14Page - STMicroelectronics STPCC01 Datasheet HTML 15Page - STMicroelectronics STPCC01 Datasheet HTML 16Page - STMicroelectronics STPCC01 Datasheet HTML 17Page - STMicroelectronics STPCC01 Datasheet HTML 18Page - STMicroelectronics STPCC01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
PIN DESCRIPTION
15/51
Issue 1.2
MD[63:0]
Memory Data I/O. This is the 64-bit
memory data bus. If only half of a bank is populat-
ed, MD63-32 is pulled high, data is on MD31-0.
MD[40-0] are read by the device strap option reg-
isters during rising edge of SYSRSTI.
RAS#[3:0]
Row Address Strobe Output. There
are 4 active low row address strobe outputs, one
for each bank of the memory. Each bank contains
4 or 8-Bytes of data. The memory controller allows
half of a bank (4-bytes) to be populated to enable
memory upgrade at finer granularity.
The RAS# signals drive the SIMMs directly with-
out any external buffering. These pins are always
outputs, but they can also simultaneously be in-
puts, to allow the memory controller to monitor the
value of the RAS# signals at the pins.
CAS#[7:0]
Column Address Strobe Output. There
are 8 active low column address strobe outputs,
one each for each byte of the memory.
The CAS# signals drive the SIMMs either directly
or through external buffers.
These pins are always outputs, but they can also
simultaneously be inputs, to allow the memory
controller to monitor the value of the CAS# signals
at the pins.
MWE#
Write Enable Output. Write enable speci-
fies whether the memory access is a read (MWE#
= H) or a write (MWE# = L). This single write ena-
ble controls all the DRAM. It can be externally
buffered to boost the maximum number of loads
(DRAM chips) supported.
The MWE# signals drive the SIMMs directly with-
out any external buffering.
2.2.3 VIDEO INTERFACE
VCLK
Pixel Clock Input.
VIN[7:0]
YUV Video Data Input CCIR 601 or 656.
Time multiplexed 4:2:2 luminance and chromi-
nance data as defined in ITU-R Rec601-2 and
Rec656 (except for TTL input levels). This bus in-
terfaces with an MPEG video decoder output port
and typically carries a stream of Cb,Y,Cr,Y digital
video at VCLK frequency, clocked on the rising
edge (by default) of VCLK. A 54-Mbit/s ‘double’
Cb, Y, Cr, Y input multiplex is supported for double
encoding application (rising and falling edge of
CKREF are operating).
2.2.4 TV OUTPUT
RED_TV / C_TV
Analog video outputs synchro-
nized with CVBS. This output is current-driven and
must be connected to analog ground over a load
resistor (RLOAD). Following the load resistor, a
simple analog low pass filter is recommended. In
S-VHS mode, this is the Chrominance Output.
GREEN_TV / Y_TV
Analog video outputs syn-
chronized with CVBS. This output is current-driv-
en and must be connected to analog ground over
a load resistor (RLOAD). Following the load resis-
tor, a simple analog low pass filter is recommend-
ed. In S-VHS mode, this is the Luminance Output.
BLUE_TV / CVBS
Analog video outputs synchro-
nized with CVBS. This output is current-driven and
must be connected to analog ground over a load
resistor (RLOAD). Following the load resistor, a
simple analog low pass filter is recommended. In
S-VHS mode, this is a second composite output.
VCS
Line synchronisation Output. This pin is an
input in ODDEV+HSYNC or VSYNC + HSYNC or
VSYNC slave modes and an output in all other
modes (master/slave)
The signal is synchronous to rising edge of CK-
REF. The default polarity uses a negative pulse
ODD_EVEN
Frame Synchronisation Ourput. This
pin supports the Frame synchronisation signal. It
is an input in slave modes, except when sync is
extracted from YCrCb data, and an output in mas-
ter mode and when sync is extracted from YCrCb
data
The signal is synchronous to rising edge of DCLK.
The default polarity for this pin is:
- odd (not-top) field : LOW level
- even (bottom) field : HIGH level
IREF1_TV
Ref. current for CVBS 10-bit DAC.
VREF1_TV
Ref. voltage for CVBS 10-bit DAC.
IREF2_TV
Reference current for RGB 9-bit DAC.
VREF2_TV
Reference voltage for RGB 9-bit DAC.
VSSA_TV
Analog VSS for DAC
VDDA_TV
Analog VDD for DAC
CVBS
Analog video composite output (luminance/
chrominance). CVBS is current-driven and must
be connected to analog ground over a load resis-
tor (RLOAD). Following the load resistor, a simple
analog low pass filter is recommended.
2.2.5 PCI INTERFACE
AD[31:0]
PCI Address/Data. This is the 32-bit
multiplexed address and data bus of the PCI. This
bus is driven by the master during the address
phase and data phase of write transactions. It is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com