Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC01 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STPCC01 Datasheet HTML 39Page - STMicroelectronics STPCC01 Datasheet HTML 40Page - STMicroelectronics STPCC01 Datasheet HTML 41Page - STMicroelectronics STPCC01 Datasheet HTML 42Page - STMicroelectronics STPCC01 Datasheet HTML 43Page - STMicroelectronics STPCC01 Datasheet HTML 44Page - STMicroelectronics STPCC01 Datasheet HTML 45Page - STMicroelectronics STPCC01 Datasheet HTML 46Page - STMicroelectronics STPCC01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
BOARD LAYOUT
43/51
Issue 1.2
6. BOARD LAYOUT
6.1 THERMAL DISSIPATION
Thermal dissipation of the STPC depends mainly
on supply voltage. As a result, when the system
does not need to work at 3.3V, it may be to reduce
the voltage to 3.15V for example. This may save
few 100’s of mW.
The second area that can be concidered is un-
used interfaces and functions. Depending on the
application, some input signals can be grounded,
and some blocks not powered or shutdown. Clock
speed dynamic adjustment is also a solution that
can be used along with the integrated power man-
agement unit.
The standard way to route thermal balls to internal
ground layer implements only one via pad for each
ball pad, connected using a 8-mil wire.
With such configuration the Plastic BGA 388 pack-
age dissipates 90% of the heat through the ground
balls, and especially the central thermal balls
which are directly connected to the die, the re-
maining 10% is dissipated through the case. Add-
ing a heat sink reduces this value to 85%.
As a result, some basic rules have to be applied
when routing the STPC in order to avoid thermal
problems.
First of all, the whole ground layer acts as a heat
sink and ground balls must be directly connected
to it as illustrated in Figure 6-1.
If one ground layer is not enough, a second
ground plane may be added on the solder side.
Figure 6-1. Ground routing
Pad for ground ball
Thru hole to ground layer
TopL
ayer: S
ignals
Groundl
ayer
Powerla
yer
Bottom
Layer:
signals
+ local g
roundla
yer (ifne
eded)
Note: For better visibility, ground balls are not all routed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com