Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STPCC01 Datasheet HTML 30Page - STMicroelectronics STPCC01 Datasheet HTML 31Page - STMicroelectronics STPCC01 Datasheet HTML 32Page - STMicroelectronics STPCC01 Datasheet HTML 33Page - STMicroelectronics STPCC01 Datasheet HTML 34Page - STMicroelectronics STPCC01 Datasheet HTML 35Page - STMicroelectronics STPCC01 Datasheet HTML 36Page - STMicroelectronics STPCC01 Datasheet HTML 37Page - STMicroelectronics STPCC01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
ELECTRICAL SPECIFICATIONS
34/51
Issue 1.2
Table 4-7. Video Input AC Timing
Name
Parameter
Min
Max
Unit
t35
VIN[7:0] setup to VCLK
5
ns
t36
VIN[7:0] hold from VCLK
4
ns
t37
VCLK to ODD_EVEN valid
15
ns
t38
VCLK to VCS valid
15
ns
t39
ODD_EVEN setup to VCLK
10
ns
t40
ODD_EVEN hold from VCLK
5
ns
t41
VCS setup to VCLK
10
ns
t42
VCS hold from VCLK
5
ns
Table 4-8. Graphics Adapter (VGA) AC Timing
Name
Parameter
Min
Max
Unit
t43
DCLK to VSYNC valid
30
ns
t44
DCLK to HSYNC valid
30
ns
Table 4-9. ISA Bus AC Timing
Name
Parameter
Min
Max
Unit
t45
XTALO to LA[23:17] bus active
60
ns
t46
XTALO to SA[19:0] bus active
60
ns
t47
XTALO to BHE# valid
62
ns
t48
XTALO to SD[15:0] bus active
35
ns
t49
PCI_CLKI to ISAOE# valid
28
ns
t50
XTALO to GPIOCS# valid
60
ns
t51
XTALO to ALE valid
62
ns
t52
XTALO to MEMW# valid
50
ns
t53
XTALO to MEMR# valid
50
ns
t54
XTALO to SMEMW# valid
50
ns
t55
XTALO to SMEMR# valid
50
ns
t56
XTALO to IOR# valid
50
ns
t57
XTALO to IOW# valid
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com