Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC01 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPCC01 Datasheet HTML 29Page - STMicroelectronics STPCC01 Datasheet HTML 30Page - STMicroelectronics STPCC01 Datasheet HTML 31Page - STMicroelectronics STPCC01 Datasheet HTML 32Page - STMicroelectronics STPCC01 Datasheet HTML 33Page - STMicroelectronics STPCC01 Datasheet HTML 34Page - STMicroelectronics STPCC01 Datasheet HTML 35Page - STMicroelectronics STPCC01 Datasheet HTML 36Page - STMicroelectronics STPCC01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
ELECTRICAL SPECIFICATIONS
33/51
Issue 1.2
4.5.1 AC Timing parameters
Table 4-4. PCI Bus AC Timing
Name
Parameter
Min
Max
Unit
t1
PCI_CLKI to AD[31:0] valid
2
11
ns
t2
PCI_CLKI to FRAME# valid
2
11
ns
t3
PCI_CLKI to CBE#[3:0] valid
2
11
ns
t4
PCI_CLKI to PAR valid
2
11
ns
t5
PCI_CLKI to TRDY# valid
2
11
ns
T6
PCI_CLKI to IRDY# valid
2
11
ns
T7
PCI_CLKI to STOP# valid
2
11
ns
T8
PCI_CLKI to DEVSEL# valid
2
11
ns
T9
PCI_CLKI to PCI_GNT# valid
2
12
ns
t10
AD[31:0] bus setup to PCI_CLKI
7
ns
t11
AD[31:0] bus hold from PCI_CLKI
0
ns
t12
PCI_REQ#[2:0] setup to PCI_CLKI
7
ns
t13
PCI_REQ#[2:0] hold from PCI_CLKI
4
ns
t14
CBE#[3:0] setup to PCI_CLKI
7
ns
t15
CBE#[3:0] hold to PCI_CLKI
0
ns
t16
IRDY# setup to PCI_CLKI
7
ns
t17
IRDY# hold to PCI_CLKI
0
ns
t18
FRAME# setup to PCI_CLKI
7
ns
t19
FRAME# hold from PCI_CLKI
0
ns
Table 4-5. DRAM Bus AC Timing
Name
Parameter
Min
Max
Unit
t22
HCLK to RAS#[3:0] valid
19
ns
t23
HCLK to CAS#[7:0] bus valid
19
ns
t24
HCLK to MA[11:0] bus valid
19
ns
t25
HCLK to MWE# valid
17
ns
t26
HCLK to MD[63:0] bus valid
20
ns
t27
MD[63:0] Generic setup
13
ns
t28
GCLK2X to RAS#[3:0] valid
19
ns
t29
GCLK2X to CAS#[7:0] valid
19
ns
t30
GCLK2X to MA[11:0] bus valid
19
ns
t31
GCLK2X to MWE# valid
17
ns
t32
GCLK2X to MD[63:0] bus valid
20
ns
t33
MD[63:0] Generic hold
0
ns
Table 4-6. IDE Bus AC Timing
Name
Parameter
Min
Max
Unit
t20
DD[15:0] setup to PIOR#/SIOR# falling
15
ns
t21
DD[15:0} hold to PIOR#/SIOR# falling
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com