Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 1 Page - STMicroelectronics

  STPCC01 Datasheet HTML 1Page - STMicroelectronics STPCC01 Datasheet HTML 2Page - STMicroelectronics STPCC01 Datasheet HTML 3Page - STMicroelectronics STPCC01 Datasheet HTML 4Page - STMicroelectronics STPCC01 Datasheet HTML 5Page - STMicroelectronics STPCC01 Datasheet HTML 6Page - STMicroelectronics STPCC01 Datasheet HTML 7Page - STMicroelectronics STPCC01 Datasheet HTML 8Page - STMicroelectronics STPCC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
®
STPC CONSUMER
PC Compatible Embeded Microprocessor
1/51
8/2/00
Issue 1.2
Figure 1. Logic Diagram
s
POWERFUL X86 PROCESSOR
s
64-BIT BUS ARCHITECTURE
s
64-BIT DRAM CONTROLLER
s
SVGA GRAPHICS CONTROLLER
s
UMA ARCHITECTURE
s
VIDEO SCALER
s
DIGITAL PAL/NTSC ENCODER
s
VIDEO INPUT PORT
s
CRT CONTROLLER
s
135MHz RAMDAC
s
3 LINE FLICKER FILTER
s
SCAN CONVERTER
s
PCI MASTER / SLAVE / ARBITER CTRL
s
ISA MASTER/SLAVE INTERFACE
s
IDE CONTROLLER
s
DMA CONTROLLER
s
INTERRUPT CONTROLLER
s
TIMER / COUNTERS
s
POWER MANAGEMENT
STPC CONSUMER OVERVIEW
The STPC Consumer integrates a standard 5th
generation x86 core, a DRAM controller, a graph-
ics subsystem, a video pipeline and support logic
including PCI, ISA and IDE controllers to provide a
single Consumer orientated PC compatible sub-
system on a single device.
The device is based on a tightly coupled Unified
Memory Architecture (UMA), sharing the same
memory array between the CPU main memory
and the graphics and video frame buffers.
Extra facilities are implemented to handle video
streams. Features include smooth scaling and
color space conversion of the video input stream
and mixing with graphics data. The chip also in-
cludes a built-in digital TV encoder and anti-flicker
filters that allow stable, high-quality display on
standard PAL or NTSC television sets without ad-
ditional components.
The STPC Consumer is packaged in a 388 Plastic
Ball Grid Array (PBGA).
PBGA388
x86
Core
Host I/F
DRAM
CTRL
VIP
PCI
m/s
PCI BUS
ISA
m/s
EIDE
PCI
m/s
ISA BUS
CRTC
H W C ursor
Monitor
TV Output
SYNC Output
C olor Space
C onverter
Color
Key
Chroma
Key
Video
pipeline
CCIR Input
EIDE
2D
SVGA
AntiFlicker
IPC
D igital
PAL/
NTSC


Similar Part No. - STPCC01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCC0310BTC3 STMICROELECTRONICS-STPCC0310BTC3 Datasheet
836Kb / 51P
PC Compatible Embeded Microprocessor
29-Oct-1999
STPCC0366BTC3 STMICROELECTRONICS-STPCC0366BTC3 Datasheet
836Kb / 51P
PC Compatible Embeded Microprocessor
29-Oct-1999
STPCC0375BTC3 STMICROELECTRONICS-STPCC0375BTC3 Datasheet
836Kb / 51P
PC Compatible Embeded Microprocessor
29-Oct-1999
STPCC0390BTC3 STMICROELECTRONICS-STPCC0390BTC3 Datasheet
836Kb / 51P
PC Compatible Embeded Microprocessor
29-Oct-1999
More results

Similar Description - STPCC01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
Microprocessor-Compatible Real-Time Clock
logo
STMicroelectronics
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
PC Compatible Embedded Microprocessor
08-Feb-2000
STPCCONSUMER-S STMICROELECTRONICS-STPCCONSUMER-S Datasheet
836Kb / 51P
PC Compatible Embeded Microprocessor
29-Oct-1999
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
PC Compatible Embedded Microprocessor
11-May-1999
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
Microprocessor Compatible Monitor Controller
logo
National Semiconductor ...
TP3058 NSC-TP3058 Datasheet
433Kb / 11P
MICROPROCESSOR COMPATIBLE COMBO-R
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
Microprocessor-Compatible, Real-Time짰lock
November 2003
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
January 22, 2009
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
Microprocessor-Compatible
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com