Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 3 Page - STMicroelectronics

  STPCC01 Datasheet HTML 1Page - STMicroelectronics STPCC01 Datasheet HTML 2Page - STMicroelectronics STPCC01 Datasheet HTML 3Page - STMicroelectronics STPCC01 Datasheet HTML 4Page - STMicroelectronics STPCC01 Datasheet HTML 5Page - STMicroelectronics STPCC01 Datasheet HTML 6Page - STMicroelectronics STPCC01 Datasheet HTML 7Page - STMicroelectronics STPCC01 Datasheet HTML 8Page - STMicroelectronics STPCC01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
STPC CONSUMER
3/51
Issue 1.2
s
PCI Controller
s
Fully compliant with PCI 2.1 specification.
s
Integrated PCI arbitration interface. Up to 3
masters can connect directly. External PAL
allows for greater than 3 masters.
s
Translation of PCI cycles to ISA bus.
s
Translation of ISA master initiated cycle to
PCI.
s
Support for burst read/write from PCI master.
s
0.33X and 0.5X CPU clock PCI clock.
s
ISA master/slave Interface
s
Generates the ISA clock from either
14.318MHz oscillator clock or PCI clock
s
Supports programmable extra wait state for
ISA cycles
s
Supports I/O recovery time for back to back
I/O cycles.
s
Fast Gate A20 and Fast reset.
s
Supports the single ROM that C, D, or E.
blocks shares with F block BIOS ROM.
s
Supports flash ROM.
s
Supports ISA hidden refresh.
s
Buffered DMA & ISA master cycles to reduce
bandwidth utilization of the PCI and Host bus.
NSP compliant.
s
IDE Interface
s
Supports PIO
s
Supports up to Mode 5 Timings
s
Transfer Rates to 22 MBytes/sec
s
Supports up to 4 IDE devices
s
Concurrent channel operation (PIO modes) -
4 x 32-Bit Buffer FIFOs per channel
s
Support for PIO mode 3 & 4.
s
Support for 11.1/16.6 MB/s, I/O Channel
Ready PIO data transfers.
s
Individual drive timing for all four IDE devices
s
Supports both legacy & native IDE modes
s
Supports hard drives larger than 528MB
s
Support for CD-ROM and tape peripherals
s
Backward compatibility with IDE (ATA-1).
s
Drivers for Windows and other Operating
Systems
s
Integrated peripheral controller
s
2X8237/AT compatible 7-channel DMA
controller.
s
2X8259/AT compatible interrupt Controller.
16 interrupt inputs - ISA and PCI.
s
Three 8254 compatible Timer/Counters.
s
Co-processor error support logic.
s
Power Management
s
Four power saving modes: On, Doze,
Standby, Suspend.
s
Programmable system activity detector
s
Supports SMM and APM.
s
Supports STOPCLK.
s
Supports IO trap & restart.
s
Independent peripheral time-out timer to
monitor hard disk, serial & parallel ports.
s
Supports RTC, interrupts and DMAs wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com