Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCC01 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPCC01
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCC01 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPCC01 Datasheet HTML 36Page - STMicroelectronics STPCC01 Datasheet HTML 37Page - STMicroelectronics STPCC01 Datasheet HTML 38Page - STMicroelectronics STPCC01 Datasheet HTML 39Page - STMicroelectronics STPCC01 Datasheet HTML 40Page - STMicroelectronics STPCC01 Datasheet HTML 41Page - STMicroelectronics STPCC01 Datasheet HTML 42Page - STMicroelectronics STPCC01 Datasheet HTML 43Page - STMicroelectronics STPCC01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
MECHANICAL DATA
40/51
Issue 1.2
5.2 388-Pin Package thermal data
388-pin PBGA package has a Power Dissipation
Capability of 4.5W which increases to 6W when
used with a Heatsink.
Structure in shown in Figure 5-4.
Thermal dissipation options are illustrated in Fig-
ure 5-5 and Figure 5-6.
Figure 5-4. 388-Pin PBGA structure
Thermal balls
Power & Ground layers
Signal layers
Figure 5-5. Thermal dissipation without heatsink
Ambient
Board
Case
Junction
Board
Ambient
Ambient
Case
Junction
Board
Rca
Rjc
Rjb
Rba
66
125
8.5
Rja = 13
°C/W
Airflow = 0
Board dimensions:
The PBGA is centered on board
Copper thickness:
-17
µm for internal layers
-34
µm for external layers
- 10.2 cm x 12.7 cm
- 4 layers (2 for signals, 1 GND, 1VCC)
There are no other devices
1 via pad per ground ball (8-mil wire)
40% copper on signal layers
Board temperature taken at the center balls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com