Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 2Page - STMicroelectronics L6599 Datasheet HTML 3Page - STMicroelectronics L6599 Datasheet HTML 4Page - STMicroelectronics L6599 Datasheet HTML 5Page - STMicroelectronics L6599 Datasheet HTML 6Page - STMicroelectronics L6599 Datasheet HTML 7Page - STMicroelectronics L6599 Datasheet HTML 8Page - STMicroelectronics L6599 Datasheet HTML 9Page - STMicroelectronics L6599 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Typical system block diagram
L6599
6/36
3
Typical system block diagram
Figure 2.
Typical system block diagram
11
LVG
Low-side gate-drive output. The driver is capable of 0.3A min. source and 0.8A min. sink
peak current to drive the lower MOSFET of the half-bridge leg. The pin is actively pulled to
GND during UVLO.
12
VCC
Supply Voltage of both the signal part of the IC and the low-side gate driver. Sometimes a
small bypass capacitor (0.1µF typ.) to GND might be useful to get a clean bias voltage for
the signal part of the IC.
13
N.C.
High-voltage spacer. The pin is not internally connected to isolate the high-voltage pin and
ease compliance with safety regulations (creepage distance) on the PCB.
14
OUT
High-side gate-drive floating ground. Current return for the high-side gate-drive current.
Layout carefully the connection of this pin to avoid too large spikes below ground.
15
HVG
High-side floating gate-drive output. The driver is capable of 0.3A min. source and 0.8A min.
sink peak current to drive the upper MOSFET of the half-bridge leg. A resistor internally
connected to pin 14 (OUT) ensures that the pin is not floating during UVLO.
16
VBOOT
High-side gate-drive floating supply Voltage. The bootstrap capacitor connected between
this pin and pin 14 (OUT) is fed by an internal synchronous bootstrap diode driven in-phase
with the low-side gate-drive. This patented structure replaces the normally used external
diode.
Table 1.
Pin functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com