Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 1 Page - STMicroelectronics

  L6599 Datasheet HTML 1Page - STMicroelectronics L6599 Datasheet HTML 2Page - STMicroelectronics L6599 Datasheet HTML 3Page - STMicroelectronics L6599 Datasheet HTML 4Page - STMicroelectronics L6599 Datasheet HTML 5Page - STMicroelectronics L6599 Datasheet HTML 6Page - STMicroelectronics L6599 Datasheet HTML 7Page - STMicroelectronics L6599 Datasheet HTML 8Page - STMicroelectronics L6599 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
July 2006
Rev 2
1/36
36
L6599
High-voltage resonant controller
Features
50% duty cycle, variable frequency control of
resonant half-bridge
High-accuracy oscillator
Up to 500kHz operating frequency
Two-level OCP: frequency-shift and latched
shutdown
Interface with PFC controller
Latched disable input
Burst-mode operation at light load
Input for power-ON/OFF sequencing or
brownout protection
Non-linear soft-start for monotonic output
voltage rise
600V-rail compatible high-side gate driver with
integrated bootstrap diode and high dV/dt
immunity
-300/800mA high-side and low-side gate
drivers with UVLO pull-down
DIP-16, SO-16N packages
Applications
LCD & PDP TV
Desktop PC, entry-level server
Telecom SMPS
AC-DC adapter, open frame SMPS
Order code
Part number
Package
Packaging
L6599D
SO-16N
Tube
L6599DTR
SO-16N
Tape and reel
L6599N
DIP-16
Tube
DIP-16
SO-16N
www.st.com
Block diagram
STANDBY
DIS
ISEN_DIS
GND
Ifmin
ISEN
0.8V
1.5V
PFC_STOP
Vcc
VBOOT
OUT
CBOOT
LC TANK
CIRCUIT
H.V.
LVG
UV
DETECTION
Vs
HVG
SYNCHRONOUS
BOOTSTRAP DIODE
HVG
DRIVER
LVG DRIVER
Css
CF
DISABLE
+
-
DIS
LINE
DEAD
TIME
+
-
+
-
LEVEL
SHIFTER
12
8
7
4
3
1
9
6
10
11
14
15
16
RFmin
1.85V
S Q
R
UVLO
UVLO
Q S
R
UVLO
CONTROL
LOGIC
+
-
LINE_OK
1.25V
15
µA
DIS
ISEN_DIS
17V
6.3V
VCO
-
+
1.25V
STANDBY
+
-
STBY
5
DRIVING
LOGIC
2V
2
DELAY


Similar Part No. - L6599

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
High-voltage resonant controller
15-May-2006
L6599A STMICROELECTRONICS-L6599A Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6599AD STMICROELECTRONICS-L6599AD Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6599ADTR STMICROELECTRONICS-L6599ADTR Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6599AF STMICROELECTRONICS-L6599AF Datasheet
959Kb / 32P
Very low temperature improved high voltage resonant controller
27-Aug-2015
More results

Similar Description - L6599

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
HIGH VOLTAGE RESONANT CONTROLLER
Feb-2000
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
High-voltage resonant controller
15-May-2006
L6598 STMICROELECTRONICS-L6598_04 Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
High-voltage resonant controller
11-Feb-2009
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
16-Jan-2013
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6699 STMICROELECTRONICS-L6699 Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
January 2013 Rev 2
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com