Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 6Page - STMicroelectronics L6599 Datasheet HTML 7Page - STMicroelectronics L6599 Datasheet HTML 8Page - STMicroelectronics L6599 Datasheet HTML 9Page - STMicroelectronics L6599 Datasheet HTML 10Page - STMicroelectronics L6599 Datasheet HTML 11Page - STMicroelectronics L6599 Datasheet HTML 12Page - STMicroelectronics L6599 Datasheet HTML 13Page - STMicroelectronics L6599 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Electrical characteristics
L6599
10/36
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Delayed shutdown function
Ileak
Open-state current
V(DELAY) = 0
0.5
µA
ICHARGE
Charge current
VDELAY = 1V,
VISEN = 0.85V
100
150
200
µA
Vth1
Threshold for forced
operation at max.
frequency
Voltage rising (1)
1.92
2
2.08
V
Vth2
Shutdown threshold
Voltage rising (1)
3.3
3.5
3.7
V
Vth3
Restart threshold
Voltage falling (1)
0.25
0.3
0.35
V
Low - side gate driver (voltages referred to GND)
VLVGL
Output low voltage
Isink = 200mA
1.5
V
VLVGH
Output high voltage
Isource = 5mA
12.8
13.3
V
Isourcepk
Peak source current
-0.3
A
Isinkpk
Peak sink current
0.8
A
tf
Fall time
30
ns
tr
Rise time
60
ns
UVLO saturation
VCC = 0 to VCC(ON),
Isink = 2mA
1.1
V
High-side gate driver (voltages referred to OUT)
VHVGL
Output low voltage
Isink = 200 mA
1.5
V
VHVGH
Output high voltage
Isource = 5 mA
12.8
13.3
V
Isourcepk
Peak source current
-0.3
A
Isinkpk
Peak sink current
0.8
A
tf
Fall time
30
ns
tr
Rise time
60
ns
HVG-OUT pull-down
25
k
1.
Values traking each other
Table 4.
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com