Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 3Page - STMicroelectronics L6599 Datasheet HTML 4Page - STMicroelectronics L6599 Datasheet HTML 5Page - STMicroelectronics L6599 Datasheet HTML 6Page - STMicroelectronics L6599 Datasheet HTML 7Page - STMicroelectronics L6599 Datasheet HTML 8Page - STMicroelectronics L6599 Datasheet HTML 9Page - STMicroelectronics L6599 Datasheet HTML 10Page - STMicroelectronics L6599 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
L6599
Electrical data
7/36
4
Electrical data
4.1
Maximum ratings
Note:
ESD immunity for pins 14, 15 and 16 is guaranteed up to 900V
4.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VBOOT
16
Floating supply voltage
-1 to 618
V
VOUT
14
Floating ground voltage
-3 to VBOOT -18
V
dVOUT /dt
14
Floating ground max. slew rate
50
V/ns
VCC
12
IC Supply voltage (ICC ≤25 mA)
Self-limited
V
VPFC_STOP
9
Maximum voltage (pin open)
-0.3 to VCC
V
IPFC_STOP
9
Maximum sink current (pin low)
Self-limited
A
VLINEmax
7
Maximum pin voltage (Ipin
≤1mA)
Self-limited
V
IRFmin
4
Maximum source current
2
mA
1 to 6, 8 Analog inputs & outputs
-0.3 to 5
V
Table 3.
Thermal data
Symbol
Description
Value
Unit
RthJA
Max. thermal resistance junction to ambient (DIP16)
80
°C/W
Max. thermal resistance junction to ambient (SO16)
120
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction operating temperature range
-40 to 150
°C
PTOT
Recommended max. power dissipation @TA = 70°C (DIP16)
1
W
Recommended max. power dissipation @TA = 50°C (SO16)
0.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com