Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 21Page - STMicroelectronics L6599 Datasheet HTML 22Page - STMicroelectronics L6599 Datasheet HTML 23Page - STMicroelectronics L6599 Datasheet HTML 24Page - STMicroelectronics L6599 Datasheet HTML 25Page - STMicroelectronics L6599 Datasheet HTML 26Page - STMicroelectronics L6599 Datasheet HTML 27Page - STMicroelectronics L6599 Datasheet HTML 28Page - STMicroelectronics L6599 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
L6599
Application information
25/36
The circuit shown in Figure 30 can be operated in two different ways. If the resistor RA in
series to CA is small (not above some hundred Ω, just to limit current spiking) the circuit
operates like a capacitive current divider; CA will be typically selected equal to CR/100 or
less and will be a low-loss type, the sense resistor RB will be selected as:
and CB will be such that RB·CB is in the range of 10 /fmin.
If the resistor RA in series to CA is not small (in this case it will be typically selected in the ten
k
Ω ), the circuit operates like a divider of the ripple voltage across the resonant capacitor Cr,
which, in turn, is related to its current through the reactance of Cr. Again, CA will be typically
selected equal to CR/100 or less, this time not necessarily a low-loss type, while RB
(provided it is << RA) according to:
where the reactance of CA (XCA) and CR (XCr) should be calculated at the frequency where
ICrpk = ICrpkx. Again, CB will be such that RB·CB is in the range of 10 /fmin.
Whichever circuit one is going to use, the calculated values of RS or RB should be
considered just a first cut value that needs to be adjusted after experimental verification.
OCP is effective in limiting primary-to-secondary energy flow in case of an overload or an
output short circuit, but the output current through the secondary winding and rectifiers
under these conditions might be so high to endanger converter's safety if continuously
flowing. To prevent any damage during these conditions it is customary to force converter's
intermittent operation, in order to bring the average output current to values such that the
thermal stress for the transformer and the rectifiers can be easily handled.
With the L6599 the designer can program externally the maximum time TSH that the
converter is allowed to run overloaded or under short circuit conditions. Overloads or short
circuits lasting less than TSH will not cause any other action, hence providing the system
with immunity to short duration phenomena. If, instead, TSH is exceeded an overload
protection (OLP) procedure is activated that shuts down the device and, in case of
continuous overload/short circuit, results in continuous intermittent operation with a user-
defined duty cycle.
R
B
0.8
π
I
Crpkx
--------------- 1
C
r
C
A
-------
+
⎝⎠
⎛⎞
=
R
B
0.8
π
I
Crpkx
---------------
R
A
2
X
C
A
2
+
X
C
r
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com