Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 12Page - STMicroelectronics L6599 Datasheet HTML 13Page - STMicroelectronics L6599 Datasheet HTML 14Page - STMicroelectronics L6599 Datasheet HTML 15Page - STMicroelectronics L6599 Datasheet HTML 16Page - STMicroelectronics L6599 Datasheet HTML 17Page - STMicroelectronics L6599 Datasheet HTML 18Page - STMicroelectronics L6599 Datasheet HTML 19Page - STMicroelectronics L6599 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Application information
L6599
16/36
7.1
Oscillator
The oscillator is programmed externally by means of a capacitor (CF), connected from pin 3
(CF) to ground, that will be alternately charged and discharged by the current defined with
the network connected to pin 4 (RFmin). The pin provides an accurate 2V reference with
about 2mA source capability and the higher the current sourced by the pin is, the higher the
oscillator frequency will be. The block diagram of Figure 21 shows a simplified internal
circuit that explains the operation.
The network that loads the RFmin pin generally comprises three branches:
1.
A resistor RFmin connected between the pin and ground that determines the minimum
operating frequency;
2.
A resistor RFmax connected between the pin and the collector of the (emitter-grounded)
phototransistor that transfers the feedback signal from the secondary side back to the
primary side; while in operation, the phototransistor will modulate the current through
this branch - hence modulating the oscillator frequency - to perform output voltage
regulation; the value of RFmax determines the maximum frequency the half-bridge will
be operated at when the phototransistor is fully saturated;
3.
An R-C series circuit (CSS + RSS) connected between the pin and ground that enables
to set up a frequency shift at start-up (see Chapter 7.3: Soft-start). Note that the
contribution of this branch is zero during steady-state operation.
Figure 21. Oscillator's internal block diagram.
The following approximate relationships hold for the minimum and the maximum oscillator
frequency respectively:
L6599
2 V
+
-
4
RFmin
3
CF
S
Q
R
+
-
1 V
4 V
+
-
CF
IR
2·KM·IR
KM·IR
RFmin
RFmax
RSS
CSS
KM·IR
0.9V
3.9V
f
min
1
3CFRF
min
⋅⋅
-------------------------------------------
=
f
max
1
3CF
RF
min
RF
max
||
()
⋅⋅
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com