Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6599
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6599 Datasheet HTML 26Page - STMicroelectronics L6599 Datasheet HTML 27Page - STMicroelectronics L6599 Datasheet HTML 28Page - STMicroelectronics L6599 Datasheet HTML 29Page - STMicroelectronics L6599 Datasheet HTML 30Page - STMicroelectronics L6599 Datasheet HTML 31Page - STMicroelectronics L6599 Datasheet HTML 32Page - STMicroelectronics L6599 Datasheet HTML 33Page - STMicroelectronics L6599 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Application information
L6599
30/36
This concern applies to converters designed with a high resonance frequency (indicatively,
> 150 kHz), so that they run at high frequency also at full load. Otherwise, the converter will
run at high frequency only at light load, where the current flowing in the MOSFETs of the
half-bridge leg is lower, so that, generally, an r(DS)ON rise is not an issue. However, it is wise
to check this point anyway and the following equation is useful to compute the drop on the
bootstrap driver:
where Qg is the gate charge of the external power MOS, r(DS)ON is the on-resistance of the
bootstrap DMOS (150 , typ.) and Tcharge is the ON-time of the bootstrap driver, which
equals about half the switching period minus the dead time TD. For example, using a
MOSFET with a total gate charge of 30nC, the drop on the bootstrap driver is about 3V at a
switching frequency of 200kHz:
If a significant drop on the bootstrap driver is an issue, an external ultra-fast diode can be
used, thus saving the drop on the r(DS)ON of the internal DMOS.
V
Drop
I
Ch
e
arg r DS
()ON
V
F
Q
g
T
Ch
e
arg
--------------------R
DS
()ON
V
F
+
=
+
=
V
Drop
30
10
9
2.5
10
6
0.3
10
6
-------------------------------------------------------------150
0.6
2.7V
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com