Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34844
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 7. Register Description
REGISTER NAME
DEFAULT VALUE
(HEX)
DESCRIPTION
EN
1
Chip Enable by software. This signal is ‘OR’ed with external EN (0=off, 1 =on)
PINEN
1
PIN pin enable (0=off, 1 =on)
NINEN
1
NIN pin enable (0=off, 1 =on)
OVP[3:0]
F
OVP voltage
SETI2C
0
SET I2C communication (Disable SM-Bus Mode)
CLRI2C
0
Clear set I2C
FPWM[17:0]
300
PWM Frequency
DPWM[7:0]
FF
PWM Duty Cycle (FFh =100%)
CHEN[9:0]
3FF
Channel Enable (0=off, 1=on)
ALL_OFF
0
All 10 channels OFF at the same. In order to reactivate channels this bit should be clear.
CLRFAIL
0
Clear fail if channels are re-enable.
STRB
0
Strobe MODE (0=Parallel, 1=Strobe)
BST[1:0]
2
Boost Frequency (150,300,600,1200 kHz) [0h=150Hz]
ICH#[7:0]
FF
Channel Current Program (FFh = Maximum Current)
ICHG[7:0]
FF
Global Current Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com