Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
34844
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
the PIN and NIN pins are enabled to scale the current
capability per string and may be disable by setting 2.2V in the
corresponding terminal.
Also in this mode, the device can be enabled as follows:
+ EN pin + PWM signal (Two Signals): In this configuration
the PWM signal applied to PWM pin will be in charge of
controlling the LED dimming and a second signal will enable
or disable the chip through the EN pin. Figure 17
+ PWM Signal tied to SDA pin (Just ONE signal): In this
configuration the PWM pin should be tied to SDA pin. The
PWM signal applied to PWM pin will be in charge of
controlling LED dimming and enable the device every time
the PWM is active. For this configuration EN pin should be
LOW.
POWER DOWN MODE
If the input voltage falls below the UVLO threshold, the
device enters automatically into power down mode. The
device operates only when the EN pin is high, or the EN bit in
Register 2 is set high. When in power down, the supply
current is reduced below 2
μA when there is no I2C activity,
and it rises up when I2C interface is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com