Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34844
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VIN = 12V, VOUT = 42V, ILED = 50mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
BOOST
Switching Frequency (BST [1:0]=0)
fSW0
0.14
0.15
0.17
MHz
Switching Frequency (BST [1:0]=1)
fSW1
0.27
0.30
0.33
MHz
Switching Frequency (BST [1:0]=2)
fSW2
0.54
0.60
0.66
MHz
Switching Frequency (BST [1:0]=3)
fSW3
1.08
1.2
1.32
MHz
Minimum Duty Cycle
DMIN
-
10
15
%
Maximum Duty Cycle
DMAX
80
85
-
%
Soft Start Period
tSS
-
6.5
-
ms
Boost Switch Rise Time(9)
tTR
-
15
-
ns
Boost Switch Fall Time(9)
tF
-
25
-
ns
PWM GENERATOR
Input PWM Frequency Range (9)
M/~S = Low (Slave Mode)
fPWMS
100
-
25000
Hz
PWM Frequency
M/~S = High (Master Mode)
FPWM Register = 768
FPWM Register = 192,000
fPWMM
22500
90
25000
100
27500
110
Hz
PWM dimming resolution
tfPWM
-
0.39
-
%
PWM PIN CHANNEL DRIVER
Input PWM Pin Minimum Pulse(9)
tPWM_IN
150
-
-
ns
PHASE LOCK LOOP
CK Slave Mode Frequency Lock Range(8)
M/~S = Low (Slave Mode)
fCKS
100
-
25000
Hz
CK Slave Mode Input Jitter(9)
M/~S = Low (Slave Mode)
fCKS_JITTER
-
-
0.1
%
Slave Mode Acquisition Time
M/~S = Low (Slave Mode)
FPWMS=25KHz
FPWMS=100Hz
TS_ACQ
-
-
-
2000
50
-
ms
ms
CK Frequency (Master Mode)
FPWM Register = 768
FPWM Register = 192,000
fCKMASTER
22500
90
25000
100
27500
110
Hz
I2C/SM-BUS PHYSICAL LAYER [SCK, SDA]
Notes
8.
Special considerations should be made for frequencies between 100Hz to 1KHz. Please refer to Functional Device Operation for further
details.
9.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com