Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
A0/SEN
Address select, device select pin, or Hardware Over
voltage Protection (OVP) Control.
CURRENT SET (ISET)
Each LED string can drive up to 50mA. The maximum
current can be set by using a resistor from this pin to GND.
POSITIVE CURRENT SCALING (PIN)
Positive current scaling factor for the external analog
current control. Applying 0V to this pin, scales the current to
0%, and in the same way, applying 2.048V(Vset), the scale
factor is 100%. By applying a voltage higher than 2.2V, the
scaling factor is disabled, and the internal pull-ups are
activated.
If PIN pin and NIN pin are used at the same time then by
applying 0V to the PIN pin and 2.048V to NIN pin, scales the
current to 0%, and in the same way, applying 2.048V to the
PIN pin and 0V to NIN pin, scales the current to 100%. By
applying a voltage higher than 2.2V, the scaling factor is
disabled and the internal pull-ups are activated in both pins.
NEGATIVE CURRENT SCALING (NIN)
Negative current scaling factor for the external analog
current control. Setting 0V to this pin scales the current to
100%, in the same way, setting 2.048V (Vset) the scale factor
is 0%. By applying a voltage higher than 2.2V, the scaling
factor is disabled and the internal pull-ups are activated.
If PIN pin and NIN pin are used at the same time then by
applying 0V to the PIN pin and 2.048V to NIN pin, scales the
current to 0%, and in the same way, applying 2.048V to the
PIN pin and 0V to NIN pin, scales the current to 100%. By
applying a voltage higher than 2.2V, the scaling factor is
disabled and the internal pull-ups are activated in both pins.
GROUND (GND)
Ground Reference for all internal circuits other than the
Boost FET.
The Exposed Pad (EP) should be used for thermal heat
dissipation.
I0-I9
Current LED driver, each line has the capability of driving
up to 50mA.
FAULT DETECTION PIN (FAIL)
When a fault situation is detected, this pin goes into high
impedance.
BOOST SLOPE COMPENSATION SETTING
RESISTOR (SLOPE)
Use an external resistor of about 68k
Ω to configure the
Boost compensation slope.
POWER GROUND TERMINALS (PGNDA, PGNDB)
Ground terminal for the internal Boost FET.
OUTPUT VOLTAGE SENSE TERMINAL (VOUT)
Input terminal to monitor the output voltage. It also
supplies the input voltage for the internal regulator 2 (VDC2).
SWITCHING NODE TERMINALS (SWA, SWB)
Switching node of boost converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com