Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34844 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34844
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34844 Pin Connections
Table 1. 34844 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 12.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
VIN
Power
Input voltage
Input supply
2
PGNDB
Power
Power Ground
Power ground
3
SWB
Input
Switch node B
Boost switch connection B
4
SWA
Input
Switch node A
Boost switch connection A
5
PGNDA
Power
Power Ground
Power ground
6
A0/SEN
Input
Device Select
Address select, device select pin or OVP HW control
7
EN
Input
Enable
Enable pin (active high, internal pull-up)
8 - 17
I0-I9
Input
LED Channel
LED string connections
18
FAIL
Open Drain
Fault detection
Fault detected pin (open drain):
No Failure = Low impedance
Failure = High Impedance
19
ISET
Passive
Current set
LED current setting resistor
20
PIN
Input
Positive current scale
Positive input analog current control
21
NIN
Input
Negative current scale Negative input analog current control
22
SLOPE
Passive
Boost Slope
Boost slope compensation Setting resistor
23
VDC3
Output
Internal Regulator 3
Decoupling capacitor for internal phase locked loop power
24
CK
Input/Output
Clock signal
Clock synchronization pin (input for M/~S = low - internal pull-up, output
for M/~S = high)
25
PWM
Input
External PWM
External PWM input (internal pull-down)
VIN
PGNDB
SWB
SWA
PGNDA
A0/SEN
EN
IO
CK
VDC3
SLOPE
NIN
PIN
ISET
FAIL
I9
I1
I2
I3
I4
I5
I6
I7
I8
25
32
31
30
29
28
27
26
24
17
18
19
20
21
22
23
1
8
7
6
5
4
3
2
16
9
10
1112
131415
QFN - EP
5MM X 5MM
32 LEAD
EP GND
EP = Exposed Pad
TRANSPARENT
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com