Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Line Regulation (7)
VIN=7.0V to 28V
IOUT/VIN
-0.2
-
0.2
%/V
Load Regulation (7)
VLED = 8.0V to 65V (all Channels)
IOUT/VLED
-0.2
-
0.2
%/V
Slope compensation voltage ramp
RSLOPE = 68KΩ
VSLOPE
-
0.49
-
V/
μs
Current Sense Amplifier Gain
ACSA
-
9.0
-
Current Sense Resistor
RSENSE
-
22
-
m
Ω
OTA Transconductance
GM
-
200
-
μS
Transconductance Sink and Source Current Capability
ISS
-
100
-
μA
Output Voltage Precharge
VHOLD
0.45
0.5
0.55
V
FAIL PIN
Off-state Leakage Current
VFAIL = 5.5V
IFAIL_LEAK
-
-
5
μA
On-state Voltage Drop
ISINK = 4.0mA
VOL
-
-
0.4
V
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12V, VOUT = 42V, ILED = 50mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
5.
This output is for internal use only and not to be used for other purposes
6.
Minimum and Maximum output voltages are dependent on Min/Max duty cycle condition.
7.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com