Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34844 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34844
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VIN = 12V, VOUT = 42V, ILED = 50mA, PWM = VDC1, M/~S = VDC1,
PIN & NIN = VDC1, -40
°C ≤ TA ≤ 105°C, PGND = 0V, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY
Supply Voltage
VIN
7.0
12
28
V
Supply Current when Shutdown Mode
Manual & SM-Bus: EN = Low, SCK & SDA=Low, PWM = Low
I2C: EN = Low, SETI2C bit = 1, CLRI2C bit = 0, PWM = Low
ISHUTDOWN
-
-
2.0
17
-
-
μA
Supply Current when Sleep Mode
SM-Bus: EN = low, SCK & SDA= Active, SETI2C bit = 0, PWM=Low,
EN bit = 0
I2C: EN = High, SETI2C bit = 1, CLRI2C bit = 0, EN bit = 0, PWM=Low
ISLEEP
-
3.0
-
mA
Supply Current when Operational Mode
Boost=Pulse Skipping, Channels = 0% of Duty Cycle
Manual: EN= High, SCK & SDA=Low, PWM=Low
SM-Bus: EN= Low, SCK & SDA=Active, EN bit= 1, PWM=Low
I2C: EN = High, SETI2C bit = 1, CLRI2C bit = 0, EN bit = 1, PWM=Low
IOPERATIONAL
-
10.0
-
mA
Under-voltage Lockout
VIN Rising
UVLO
5.4
6.0
6.4
V
Under-voltage Hysteresis
VIN Falling
UVLOHYST
150
200
250
mV
VDC1 Voltage(5)
CVDC1 = 2.2μF
VDC1
2.4
2.5
2.6
V
VDC2 Voltage(5)
CVDC2 = 2.2μF
VDC2
5.5
6.0
6.5
V
VDC3 Voltage(5)
CVDC3 = 2.2μF
VDC3
2.4
2.5
2.6
V
BOOST
Output Voltage Range(6)
VIN = 7.0V
VIN = 28V
VOUT1
VOUT2
8.0
31
-
-
43
60
V
Boost Switch Current Limit
IFET
2.6
2.8
3.0
A
RDSON of Internal FET
IDRAIN= 1.0A
RDSON
-
250
500
m
Ω
Boost Switch Off-state Leakage Current
VSWA,SWB = 65V
IBOOST_LEAK
-
-
10
μA
Peak Boost Efficiency(7)
EFFBOOST
-
90
-
%
Notes
5.
This output is for internal use only and not to be used for other purposes
6.
Minimum and Maximum output voltages are dependent on Min/Max duty cycle condition.
7.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com