Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2845 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2845
Description  40V High Power Boost Convertor with 6 Channel Constant Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2845 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2845 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Configuration
Pin Descriptions
,
Power Analog Microelectronics Inc
3
www.poweranalog.com
1
2
3
4
5
7
89
10
11
14
15
16
17
18
20
21
22
23
24
6
12
13
19
QFN 4X4
P2845
XXXYW
X:
Internal Code
Y:
Year
W: Week
Pin Number
Name
Description
1
VIN
Supply input
2
Vcc-driver
5V linear regulator output for power MOS driver
3
GND
Ground
4
ENA
Enable input
5
PWMD
PWM dimming control
6
LED1
LED1 cathode terminal
7
LED2
LED2 cathode terminal
8
LED3
LED3 cathode terminal
9
GND
Ground
10
GND
Ground
11
LED4
LED4 cathode terminal
12
LED5
LED5 cathode terminal
13
LED6
LED6 cathode terminal
14
Iset
LED current adjustment pin
15
Vcc-5V
5V linear regulator output
16
VC
Boost stage compensation pin
17
Fsel
Oscillator frequency selection pin
18
FB
Feedback
19
PGND
Power ground
20
PGND
Power ground
21
PGND
Power ground
22
SW
Power MOS drain
23
SW
Power MOS drain
24
SW
Power MOS drain
08/2008 Rev 1.0
PAM2845
40V High Power Boost Convertor
with 6 Channel Constant Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com