Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2845 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2845
Description  40V High Power Boost Convertor with 6 Channel Constant Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2845 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2845 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Inductor Selection
Capacitor Selection
Diode Selection
Methods for Setting LED Current
The inductance, peak current rating, series
resistance, and physical size should all be
considered when selecting an inductor. These
factors affect the conver ter's operating mode,
efficiency, maximum output load capability,
transient response time, output voltage ripple,
and cost.
The maximum output current, input voltage,
output voltage, and switching f requency
determine the inductor v alue. Ve ry high
inductance minimizes the current rip ple, and
therefore reduces the peak current, which
decreases core losses in the inductor and I R
losses in the entire power path. However, large
inductor values also require more energy storage
and more turns of wire, which increases physical
size and I R copper losses in the inductor. Low
inductor values decrease the physical size, but
increase the current ripple and peak current.
Finding the best inductor involves the
compromises among circuit efficiency, inductor
size, and cost.
When choosing an inductor, the first step is to
determine the operating mode: continuous
conduction mode (CCM) o r discontinuous
conduction mode (DCM). When CCM mode is
chosen, the ripple current and the peak current of
the inductor can be minimized. If a small-size
inductor is required, DCM mode can be chosen.
In DCM mode, the inductor value and size can be
mini mized but the inductor ripple current and
peak current are higher than those in CCM.
An input capacitor is required to reduce the input
ripple and noise for proper operation of the
PAM2845. For good input decoupling, Low ESR
(equivalent series resistance) capacitors should
be used at the input. At least 2.2uF input
capacitor is recommended for most applications.
A minimum output capacitor value of 10uF is
recommended
under
normal
operating
conditions, while a 22uF or higher capacitor may
be required for higher power LED current. A
reasonable value of the output capacitor
depends on the LED current. The total output
voltage ripple has two c omponents: the
capacitive ripple caused by the charging and
discharging on the output capacitor, and the
ohmic ripple due to the capacitor's equivalent
series resistance. The ESR of the output
capacitor is the i mportant parameter to
determine the output voltage ripple of the
converter, so low ESR capacitors should be used
at the output to reduce the output voltage ripple.
The
v oltage
rating
and
temperature
characteristics of the output capacitor must also
be considered. So a value of 10uF, voltage
rating(50V) capacitor is chosen.
PAM2845 is high switching frequency convertor,
which demands high speed rectifier. It's
indispensable to use a Schottky diode rated at
2A, 60V with the PAM2845. Using a Schottky
diode with a lower forward voltage drop is better
to improve the power LED efficiency, and its
voltage rating should be greater than the output
voltage.
There a re three m ethods for s etting and
adjusting the LED current outlined here. The
methods are:
1)
RSET
2)
PWM Input at PWMD
3)
PWM Input at ENA
2
2
only
,
Power Analog Microelectronics Inc
10
www.poweranalog.com
Application Information
1
32
31
30
29
28
27
5
4
3
2
t
200us typ
()
0
ENA
t
SOFT-START
>10ms
I
LED_
t >500ns
HI
500ns<t <10us
LO
32/32
31/32
30/32
29/32
28/32
32/32
1/32
2/32
3/32
4/32
5/32
shutdown
shutdown
shutdown
Figure 1
08/2008 Rev 1.0
PAM2845
40V High Power Boost Convertor
with 6 Channel Constant Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com