Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2845 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2845
Description  40V High Power Boost Convertor with 6 Channel Constant Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2845 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2845 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PAM2845
40V High Power Boost Convertor
with 6 Channel Constant Current Source
,
Power Analog Microelectronics Inc
1
www.poweranalog.com
08/2008 Rev 1.0
Features
Applications
±1% Typical Current Matching between Strings
current matching
Separate feedback loops limit the output voltage if
one or more LEDs open or short. The PAM2845
has features cycle-by-cycle current limit to
provide c onsistent operation and soft-start
capability. A thermal-shutdown circuit provides
another level of protection.
n
n
White or RGB Backlighting for LCD
TV, LCD Monitor, Notebook, Handy
Terminals, and Avionics Displays Panels
LED Lighting Devices
Description
The PAM2845 is a high-efficiency boost type LED
driver. It is designed for large LCD panel that
employs an array of LEDs as back light source.
The PAM2845 employs a current-mode step-up
converter that drives six parallel strings of LEDs
connected in multiple series. This built-in string-
current-control circuit achieves ±1% typical
between strings, which ensures
even brightness for all LEDs.
The PAM2845 has a wide +4.8V to +28V input-
voltage range and provides adjustable full-scale
LED current. The switching frequency of this
device can be selected among 500kHz, 1MHz and
1.6MHz
according
to
the
application
requirements.
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Six Constant-Current Output Channels
Parallel Channels Allow Higher Current
per LED String
Maximum 40V Continuous Voltage Output
Limit for Each Channel
Adjustable Constant Output Voltage
Adjustable Constant LED Current
Drives 10 or more LEDs Each String as Long
as the String Voltage Less Than 40V
Internal 2.5A Power MOSFET
Allows Digital PWM and Analog Dimming
Wide (100:1) PWM Dimming Range without
Color Shift
Independent Dimming and Shutdown
Control of the LED Driver
Short LED Protection
3 Frequencies Selection: 1.6MHz/1MHz/500kHz
Wide Input Voltage Range: 4.8V to 28V
Over Temperature Protection
Available in 24-pin 4mmx4mm QFN Package
Pb-free Package
n
Typical Application
PAM2845
ENA
PWMD
Iset
GND
PGND
FB
SW
VIN
VIN: 4.8V to 28V
L
Total 10
LEDs
per
string
LED1
LED2
LED3
LED4
LED5
LED6
Vcc-driver
Fsel
PWMD
Fsel
VC
Vcc-5V
1F
μ
1F
μ
10kΩ
PGND
SW
PGND
SW
R
1
R
2
100nF
22 H
μ
3A/40V
270kΩ
9.1kΩ
10 F
μ
10 F
μ


Similar Part No. - PAM2845

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2841 PAM-PAM2841 Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
logo
Diodes Incorporated
PAM2841 DIODES-PAM2841 Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
PAM2841 DIODES-PAM2841 Datasheet
623Kb / 15P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 2
logo
Power Analog Micoelectr...
PAM2841GR PAM-PAM2841GR Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
logo
Diodes Incorporated
PAM2841GR DIODES-PAM2841GR Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
More results

Similar Description - PAM2845

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSSI2021SAY PHILIPS-PSSI2021SAY Datasheet
51Kb / 8P
Constant current source
2001 May 07
logo
Texas Instruments
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
3-Channel Constant Current-SOURCE POWER DMOS ARRAY
logo
ADDtek Corp
A706 ADDTEK-A706 Datasheet
73Kb / 1P
HIGH VOLTAGE BOOST DRIVER WITH 6 CHANNELS CONSTANT CURRENT REGULATORS
APRIL 2009
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
Lowpower Semiconductor ...
LP6255 POWER-LP6255 Datasheet
1Mb / 10P
High Efficiency Synchronous Boost Convertor
logo
Diodes Incorporated
AL3065A DIODES-AL3065A Datasheet
443Kb / 16P
BOOST CONTROLLER WITH 4-CHANNEL HIGH PERCISION CURRENT SOURCE
Rev 1
logo
Shenzhen Huazhimei Semi...
HM5315A HMSEMI-HM5315A Datasheet
443Kb / 9P
boost high-power LED constant current duriver
HM5315B HMSEMI-HM5315B Datasheet
954Kb / 9P
boost high-power LED constant current duriver
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
Boost high-power LED constant current driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com