Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2845 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2845
Description  40V High Power Boost Convertor with 6 Channel Constant Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2845 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2845 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
,
Power Analog Microelectronics Inc
11
www.poweranalog.com
08/2008 Rev 1.0
Method 1: LED Current Setting with External
Resistor R
Method 2: LED Current Setting Using PWM
Signal to PWMD Pin
Method 3: LED Current Setting with single wire
logic to ENA Pin
LED Short Protection
ISET
The most basic means of setting the LED current
is connecting a resistor between R
and GND.
The LED current is decided by I
Resistor.
I
=228/ R
This circuit uses resistor R
to set the on state
current and the average LED current, then
proportional to the percentage of on-time when
the PWMD pin is logic low. Average LED current is
approximately equal to:
I= (
*I)/ (t + t )
Also, the recommended PWM frequency is
between 100Hz and 1kHz. Frequency <100Hz can
cause the LEDs to blink visibly.
When the LEDs are enabled by high level, the
LED current initially goes to I
. Dimming is done
by pulsing ENA low (500ns to 10 s pulse width).
Each pulse reduces the LED current by 1/32, so
after one pulse the LED current is 31/32*I
. The
32th pulse sets the LED current back to
.
Figure 1 shows a timing diagram for EN.
ISET
SET
LED
ISET
ISET
on
off
LED
LED
t
I
on
LED
μ
Setting the Output Voltage
The FB pin is connected to the center tap of a
resistive voltage divider (R1 and R2 in Figure 1)
from the high-voltage output.
V
=V (1+R2/R1)
The r ecommend procedure i s t o c hoose
R2=300k
and R1=9.2k
to set V
=40V.
Generally the Vout must be higher than total LED
voltage. For 10-LED application, R1=9.1k
R2=270k
Vout=36.8V, higher than V
=33V.
One or more of the LED1-6 pins could be floating
if not used because the PAM2845 uses external
resistor to set the output voltage. One or more
LEDx pins floating is just like change of output
loadings.
OUT
FB
OUT
LED
ΩΩ
Ω,
Ω,
MAX
The PAM2845 uses LED FB function to protect
devices when one or more LED(s) is/are shorted.
V= V
– V N
Normally
is around 0.4V and
is decided
by LED numbers. When one or more LED(s)
is/are shorted, the PAM2845 will clamp
to
make sure all LED pins’ voltage is less then 5V.
With this function
will be clamped at
(5V+
N
).
Note:
: LED pin voltage
: Output voltage
V : LED forward voltage
: The minimum LED numbers among all
strings.
LED
OUT
f
MIN
f
VV
V
V
V
N
LED
OUT
f
LED
OUT
MIN
V
V
OUT
OUT
PAM2845
40V High Power Boost Convertor
with 6 Channel Constant Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com