Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2845 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2845
Description  40V High Power Boost Convertor with 6 Channel Constant Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2845 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2845 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
,
Power Analog Microelectronics Inc
6
www.poweranalog.com
08/2008 Rev 1.0
Electrical Characteristic
T =25°C, V =ENA=12V, L=22 H, Rset=10k
unless otherwise noted.
AIN
μΩ
,
PARAMETER
Conditions
Min
Typ
Max
Units
LED Controller Stage
I=190*1.2V/Riset, Riset=7.68k
30
mA
I=190*1.2V/Riset, Riset=11.3k
20
mA
Full-Scale LED_Output Current
I=190*1.2V/Riset, Riset=22.6k
10
mA
LED current matching
-3
1
+3
%
Iset Voltage
1.2
V
Minimums LED voltage
400
mV
Analog Dimming Range
I=190*1.2V /Riset
I/32
I
mA
PWM Dimming Frequency
100
1k
Hz
Fault Protection
LED_ Overvoltage Threshold
4.6
4.9
5.1
V
LED_ Overvoltage Hysteresis
1
V
Thermal-Shutdown
150
°C
Thermal-Shutdown Hysteresis
30
°C
Controll Interface
EN High
1.5
V
EN Low
0.4
V
PWMD High
1.5
V
PWMD Low
0.4
V
Fsel High
Vcc_5V-0.5
V
Fsel Midlevel
1
2
V
Fsel Low
0.5
V
EN Min pulse width
0.5
μs
EN Max pulse width
10
μs
EN off delay
100
μs
PAM2845
40V High Power Boost Convertor
with 6 Channel Constant Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com