Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2845 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2845
Description  40V High Power Boost Convertor with 6 Channel Constant Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2845 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2845 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
,
Power Analog Microelectronics Inc
7
www.poweranalog.com
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
5
9
13
17
21
Input voltage(V)
0
5
10
15
20
25
20%
40%
60%
80%
100%
Duty cycle
0
1
2
3
4
5
6
010
20
30
Input voltage(V)
Typical Performance Characteristic
LED Current VS PWMD Duty cycle
Shutdown current VS Input Voltage
Input Voltage VS Efficiency
Quiescent Current VS Input Voltage
0
1
2
3
4
5
6
7
8
9
6
1014
182226
Input Voltage (V)
Fsw=1.6MHz
Fsw=1MHz
Fsw=500KHz
PWMD=0
08/2008 Rev 1.0
T =25°C, V =ENA=12V, L=22 H, Rset=10k
unless otherwise noted.
AIN
μΩ
,
Vout Line Regulation
38
38.5
39
39.5
40
40.5
41
4.5
8
12
16
20
24
28
Input Voltage (V)
Total LED Current Line regulation
129
129.5
130
130.5
131
131.5
132
132.5
133
4.5
8
12
16
20
24
28
Input Voltage (V)
PAM2845
40V High Power Boost Convertor
with 6 Channel Constant Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com