Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2845 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM2845
Description  40V High Power Boost Convertor with 6 Channel Constant Current Source
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2845 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM2845 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2845 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
,
Power Analog Microelectronics Inc
8
www.poweranalog.com
Typical Performance Characteristic
Switching Waveforms
Vsw
DC
coupling
I
L
DC
coupling
Inductor Current Waveforms(
=20%)
PWMD
PWMD
DC
coupling
V
LED1
DC
coupling
I
L
DC
coupling
LED Current Waveforms(
=20%)
PWMD
PWMD
DC
coupling
V
LED1
DC
coupling
I
LED
DC
coupling
Inductor Current Waveforms(
=50%)
PWMD
PWMD
DC
coupling
V
LED1
DC
coupling
I
L
DC
coupling
08/2008 Rev 1.0
Efficiency VS Input Voltage
6x6 LED
8x6 LED
10x6 LED
12x6 LED
75%
80%
85%
90%
95%
100%
4.5
8
12
16
20
24
28
Input Voltage(V)
T =25°C, V =ENA=12V, L=22 H, Rset=10k
unless otherwise noted.
AIN
μΩ
,
PAM2845
40V High Power Boost Convertor
with 6 Channel Constant Current Source
Start up and Shutdown waveforms
Vout
DC
coupling
I
L
DC
coupling
ENA
DC
coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com