Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3102 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM3102
Description  Dual 150mA High PSRR Low-Dropout CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3102 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM3102 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3102 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin Configuration & Marking Information
Top View
SOT23-6
654
123
ABVYW
2
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage...............................................6.6V
Output Current..................................150/150mA
Output Pin Voltage
GND-0.3V to V +0.3V
Lead Soldering Temperature 5sec ...........300
()
IN
.............
Storage Temperature..................-40
to 125
ESD Rating(HBM)........................................2kV
OO
O
CC
C
Recommended Operating Conditions
Supply Input Voltage.................................... 5.5V
Junction Temperature..................-40
to 125
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
Enable Input Voltage...............................0V to V
CC
Ambient Temperature....................-40 C to 85 C
IN
OO
OO
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Case)
θJC
SOT-23-6
130
Thermal Resistance (Junction to Ambient)
θJA
SOT-23-6
250
°C/W
Internal Power Dissipation
PD
SOT-23-6
400
mW
Pin Number
Name
Function
1
CE1
Output 1 Enable
2
VIN
Input
3
CE2
Output 2 Enable
4
VOUT2
Output 2
5
GND
Ground
6
VOUT1
Output 1
PAM3102
Dual 150mA High PSRR Low-Dropout CMOS Regulator
AB: Product Code of PAM3102
V: Voltage Code
Y: Year
W: Week
09/2008 Rev 1.1
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com